Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8332ACPZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8332ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 30Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 31Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 32Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 29 of 56
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–3
–2
–1
0
1
2
3
VINH (V)
RCLMP = ∞
RCLMP = ∞
8.8kΩ
8.8kΩ
3.5kΩ
3.5kΩ
RCLMP = 1.86kΩ
Output Clamping
Outputs are internally limited to a level of 4.5 V p-p differential
when operating at a 2.5 V common-mode voltage. The postamp
implements an optional output clamp engaged through a resistor
from RCLMP to ground. Table 8 shows a list of recommended
resistor values.
Output clamping can be used for ADC input overload protection, if
needed, or postamp overload protection when operating from a
lower common-mode level, such as 1.5 V. The user should be
aware that distortion products increase as output levels approach
the clamping levels, and the user should adjust the clamp resistor
accordingly. For additional information, see the Applications
Information section.
The accuracy of the clamping levels is approximately ±5% in LO
or HI mode. Figure 80 illustrates the output characteristics for a
few values of RCLMP.
Figure 80. Output Clamping Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com