Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8332ACPZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8332ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 21 of 56
18nF
22pF
IN
OUT
NETWORK ANALYZER
28Ω
237Ω
28Ω
1:1
50Ω
50Ω
0.1µF
OR
1µF
237Ω
10kΩ
VGA
FB*
120nH
*FERRITE BEAD
LMD
0.1µF
LNA
0.1µF
OR
1µF
INH
0.1µF
OR
1µF
0.1µF
0.1µF
Figure 58. Test Circuit—Group Delay vs. Frequency for Two Values of AC Coupling
18nF
22pF
28Ω
237Ω
28Ω
0.1µF
237Ω
50Ω
1:1
OUT
NETWORK
ANALYZER
50Ω
270Ω
FB*
120nH
*FERRITE BEAD
LMD
0.1µF
DUT
0.1µF
0.1µF
INH
Figure 59. Test Circuit—LNA Input Impedance vs. Frequency in Standard and Smith Chart (S11) Formats
22pF
28Ω
237Ω
28Ω
1:1
0.1µF
0.1µF
237Ω
IN
OUT
NETWORK ANALYZER
50Ω
50Ω
VGA
LNA
FB*
120nH
*FERRITE BEAD
LMD
0.1µF
0.1µF
INH
0.1µF
0.1µF
0.1µF
Figure 60. Test Circuit—Frequency Response for Unterminated LNA, Single-Ended
18nF
22pF
28Ω
237Ω
28Ω
0.1µF
INH
237Ω
1:1 IN
NETWORK
ANALYZER
50Ω
270Ω
FB*
120nH
*FERRITE BEAD
LMD
0.1µF
DUT
0.1µF
0.1µF
Figure 61. Test Circuit—Short-Circuit, Input-Referred Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com