Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8332ACPZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8332ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 24 of 56
THEORY OF OPERATION
CLAMP
LNA 2
LNA 1
INH1
LON1 LOP1 VIP1 VIN1 EN12
INH2
LON2
LOP2
VIP2
PA2
– ATTENUATOR
–48dB
+
VGA BIAS AND
INTERPOLATOR
+ ATTENUATOR
–48dB
–
GAIN UP/
DOWN
VMID1
CLAMP
GAIN
INT
VOH1
CLMP12
VOL1
VOL2
GAIN12
HILO
VOH2
VIN2
MODE
VCM1
VMID2
VMID3
VCM2
VCM3
VMID4
LNA 4
LNA 3
INH3
LON3
LOP3
LMD3
LMD4
INH4
VCM
BIAS
VCM
BIAS
PA3
PA4
– ATTENUATOR
–48dB
+
VGA BIAS AND
INTERPOLATOR
+ ATTENUATOR
–48dB
–
GAIN
INT
VOH3
VOL3
VOL4
GAIN34
VOH4
CLMP34
21dB
21dB
21dB
21dB
VIP3
VIN3
VCM4
EN34
VIN4
VIP4
LON4
LOP4
AD8334
LMD1
LMD2
PA1
OVERVIEW
The AD8331/AD8332/AD8334 operate in the same way.
Figure 69, Figure 70, and Figure 71 are functional block
diagrams of the three devices
VOL
VOH
LNA
ATTENUATOR
–48dB
–
+
INH
VIN
VIP
LOP
LON
ENBV
GAIN
AD8331
+
–
MODE
HILO
3.5dB/
15.5dB
RCLMP
VMID
VCM
VGA BIAS AND
INTERPOLATOR
ENBL
GAIN INT
VCM
BIAS
PA
21dB
CLAMP
LMD
Figure 69. AD8331 Functional Block Diagram
LNA 2
LNA 1
+19dB
INH1
LON1 LOP1
LON2 LOP2
VIP1
VIP2
VIN1
VIN2
LMD1
LMD2
INH2
LNA VMID
PA1
PA2
– ATTENUATOR
–48dB
+
VGA BIAS AND
INTERPOLATOR
+ ATTENUATOR
–48dB
–
3.5dB/
15.5dB
ENB
GAIN
INT
VOH1
VOL1
VOH2
VOL2
GAIN
RCLMP
HILO
AD8332
VMID
VCM1
VMID
VCM2
CLAMP
21dB
21dB
Figure 71. AD8334 Functional Block Diagram
Each channel contains an LNA that provides user-adjustable input
impedance termination, a differential X-AMP VGA, and a pro-
grammable gain postamp with adjustable output voltage limiting.
Figure 72 shows a simplified block diagram with external
components.
Figure 70. AD8332 Functional Block Diagram
LNA
VOL
VOH
HILO
INH
LMD
LOP
LON
PREAMPLIFIER
19dB
POSTAMP
3.5dB/15.5dB
SIGNAL PATH
BIAS AND
INTERPOLATOR
VIN
VIP
RCLMP
21dB
VCM
VMID
CLAMP
48dB
ATTENUATOR
GAIN
INTERFACE
GAIN
VCM
BIAS
Figure 72. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com