Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8332ACPZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8332ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 17 of 56
0
–20
–40
–60
–80
–120
–100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VGAIN (V)
VOUT = 1V p-p
INPUT RANGE
LIMITED WHEN
HILO = LO
HILO = LO, HD2
HILO = LO, HD3
HILO = HI, HD2
HILO = HI, HD3
Figure 37. Harmonic Distortion vs. VGAIN, f = 1 MHz
0
–20
–40
–60
–80
–120
–100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VGAIN (V)
VOUT = 1V p-p
INPUT RANGE
LIMITED WHEN
HILO = LO
HILO = LO, HD2
HILO = LO, HD3
HILO = HI, HD2
HILO = HI, HD3
Figure 38. Harmonic Distortion vs. VGAIN, f = 10 MHz
10
–10
0
–20
–30
–40
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VGAIN (V)
f = 10MHz
HILO = HI
HILO = LO
Figure 39. IP1dB Compression vs. VGAIN
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
1M
10M
100M
FREQUENCY (Hz)
VOUT = 1V p-p COMPOSITE (f1 + f2)
G = 30dB
HILO = LO
HILO = HI
Figure 40. IMD3 vs. Frequency
40
35
30
25
20
15
10
5
0
01
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
VGAIN (V)
.0
VOUT = 1V p-p COMPOSITE (f1 + f2)
1MHz HILO = HI
10MHz HILO = HI
1MHz HILO = LO
10MHz HILO = LO
Figure 41. Output Third-Order Intercept (IP3) vs. VGAIN
2mV
50mV
10ns
100
90
10
0
Figure 42. Small Signal Pulse Response, G = 30 dB,
Top: Input, Bottom: Output Voltage, HILO = HI or LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com