Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8332ACPZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8332ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 22 of 56
22pF
SIGNAL GENERATOR
TO MEASURE GAIN
DISCONNECT FOR
NOISE MEASUREMENT
GAIN
1:1
0.1µF
IN
SPECTRUM
ANALYZER
50Ω
B
A
49.9Ω
50Ω
1Ω
FERRITE
BEAD
120nH
INH
LMD
0.1µF
0.1µF
0.1µF
DUT
Figure 62. Test Circuit—Noise Figure
22pF
AD8332
1:1
0.1µF
IN
SPECTRUM
ANALYZER
50Ω
50Ω
SIGNAL
GENERATOR
–6dB
–6dB
28Ω
28Ω
1kΩ
1kΩ
18nF
270Ω
LPF
INH
LMD
0.1µF
0.1µF
0.1µF
DUT
Figure 63. Test Circuit—Harmonic Distortion vs. Load Resistance
22pF
AD8332
1:1
0.1µF
IN
SPECTRUM
ANALYZER
50Ω
50Ω
SIGNAL
GENERATOR
–6dB
–6dB
28Ω
28Ω
18nF
270Ω
LPF
INH
LMD
0.1µF
0.1µF
0.1µF
DUT
237Ω
237Ω
Figure 64. Test Circuit—Harmonic Distortion vs. Load Capacitance
INH
0.1µF
SPECTRUM
ANALYZER
INPUT
50Ω
22pF
–6dB
SIGNAL
GENERATORS
COMBINER
–6dB
50Ω
–6dB
50Ω
–6dB
+22dB
+22dB
FB*
120nH
*FERRITE BEAD
18nF
28Ω
237Ω
237Ω
28Ω
274Ω
LMD
0.1µF
DUT
0.1µF
0.1µF
1:1
Figure 65.Test Circuit—IMD3 vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com