Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACPZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # AD8332ACPZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACPZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD8332ACPZ-R7 Datasheet HTML 40Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 41Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 42Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 43Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 44Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 45Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 46Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 47Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 44 of 56
EVALUATION BOARD SCHEMATICS
VCM2
RCLMP
COMM
VOL2
VOH2
VIP2
GAIN
VIN2
LOP2
COM2
LMD2
LON2
VPS2
INH2
COM1
LOP1
LMD1
LON1
VPS1
INH1
VOH1
ENB
VIP1
VCM1
VIN1
VPSV
VOL1
HILO
+5V
LO
W9
C24
C23
R9
R11
R12
R10
C5
C9
+5VLNA
LNA2
+5V
W8
RCLMP
+5V
W4
+5V
HI
+5VLNA
W5
W12
W13
W10
W11
GND
GND4
GND3
GND2
GND1
AD8332ARUZ
+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
28
27
26
25
24
23
22
21
20
19
18
17
16
C25
10µF
L1
120nH FB
C4
0.1µF
CSH2
22pF
C2
0.1µF
L8
120nH FB
CAL2
CFB2
18nF
C6
0.1µF
RFB2
274Ω
S6
LON2
S7
LOP2
C16
0.1µF
C14
0.1µF
C10
0.1µF
VCM2
GAIN
C8
1nF
TP3
CLAMP
C20
0.1µF
L3
120nH FB
R7
100Ω
R8
100Ω
L4
120nH FB
VOH2
T2
1:1
R13
237Ω
C11
0.1µF
W6
VO2
R14
237Ω
C12
0.1µF
COMPONENTS IN GRAY ARE
OPTIONAL AND USER SUPPLIED.
C22
0.1µF
L7
120nH FB
L5
120nH FB
W7
VO1
VOH1
T1
1:1
R15
237Ω
R16
237Ω
C19
0.1µF
C18
0.1µF
R6
100Ω
R5
100Ω
L6
120nH FB
ENABLE
DISABLE
C17
0.1µF
VCM1
C15
0.1µF
C13
0.1µF
S3
LOP1
S2
LON1
RFB1
274Ω
C7
0.1µF
CAL1
CFB1
18nF
LNA1
L2
120nH FB
C3
0.1µF
CSH1
22pF
C1
0.1µF
+5V
Figure 105. Schematic of the AD8332 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com