Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8332ACPZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8332ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 7 of 56
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Voltage
Supply Voltage (VPSn, VPSV, VPSL, VPOS)
5.5 V
Input Voltage (INHx)
VS + 200 mV
ENB, ENBL, ENBV, HILO Voltage
VS + 200 mV
GAIN Voltage
2.5 V
Power Dissipation
RU Package1 (AD8332)
0.96 W
CP-32 Package (AD8332)
1.97 W
RQ Package1 (AD8331)
0.78 W
CP-64 Package (AD8334)
0.91 W
Temperature
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
θJA
RU Package1 (AD8332)
68°C/W
CP-32 Package22 (AD8332)
33°C/W
RQ Package1 (AD8331)
83°C/W
CP-64 Package3 (AD8334)
24.2°C/W
1 4-layer JEDEC board (2S2P).
2 Exposed pad soldered to board, nine thermal vias in pad—JEDEC, 4-layer
board J-STD-51-9.
3 Exposed pad soldered to board, 25 thermal vias in pad—JEDEC, 4-layer
board J-STD-51-9.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com