Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8332ACPZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8332ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Ultralow Noise VGAs with
Preamplifier and Programmable RIN
AD8331/AD8332/AD8334
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Ultralow noise preamplifier (preamp)
Voltage noise = 0.74 nV/√Hz
Current noise = 2.5 pA/√Hz
3 dB bandwidth
AD8331: 120 MHz
AD8332, AD8334: 100 MHz
Low power
AD8331: 125 mW/channel
AD8332, AD8334: 145 mW/channel
Wide gain range with programmable postamp
−4.5 dB to +43.5 dB in LO gain mode
7.5 dB to 55.5 dB in HI gain mode
Low output-referred noise: 48 nV/√Hz typical
Active input impedance matching
Optimized for 10-bit/12-bit ADCs
Selectable output clamping level
Single 5 V supply operation
AD8332 and AD8334 available in lead frame chip scale package
APPLICATIONS
Ultrasound and sonar time-gain controls
High performance automatic gain control (AGC) systems
I/Q signal processing
High speed, dual ADC drivers
GENERAL DESCRIPTION
The AD8331/AD8332/AD8334 are single-, dual-, and quad-
channel, ultralow noise linear-in-dB, variable gain amplifiers
(VGAs). Optimized for ultrasound systems, they are usable as a
low noise variable gain element at frequencies up to 120 MHz.
Included in each channel are an ultralow noise preamp (LNA),
an X-AMP® VGA with 48 dB of gain range, and a selectable gain
postamp with adjustable output limiting. The LNA gain is 19 dB
with a single-ended input and differential outputs. Using a single
resistor, the LNA input impedance can be adjusted to match a
signal source without compromising noise performance.
The 48 dB gain range of the VGA makes these devices suitable
for a variety of applications. Excellent bandwidth uniformity is
maintained across the entire range. The gain control interface
provides precise linear-in-dB scaling of 50 dB/V for control
voltages between 40 mV and 1 V. Factory trim ensures excellent
part-to-part and channel-to-channel gain matching.
FUNCTIONAL BLOCK DIAGRAM
VOL
VOH
VMID
LNA
48dB
ATTENUATOR
ENB
INH
LMD
VIN
VIP
LOP
LON
GAIN
AD8331/AD8332/AD8334
+
–
CLAMP
RCLMP
HILO
VCM
3.5dB OR 15.5dB
19dB
PA
VCM
BIAS
VGA BIAS AND
INTERPOLATOR
GAIN
CONTROL
INTERFACE
21dB
Figure 1. Signal Path Block Diagram
60
50
40
30
20
10
0
–10
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VGAIN = 1V
VGAIN = 0.8V
VGAIN = 0.6V
VGAIN = 0.4V
VGAIN = 0.2V
VGAIN = 0V
HI GAIN
MODE
Figure 2. Frequency Response vs. Gain
Differential signal paths result in superb second- and third-
order distortion performance and low crosstalk.
The low output-referred noise of the VGA is advantageous in
driving high speed differential ADCs. The gain of the postamp
can be pin selected to 3.5 dB or 15.5 dB to optimize gain range
and output noise for 12-bit or 10-bit converter applications. The
output can be limited to a user-selected clamping level, preventing
input overload to a subsequent ADC. An external resistor adjusts
the clamping level.
The operating temperature range is −40°C to +85°C. The
AD8331 is available in a 20-lead QSOP package, the AD8332 is
available in 28-lead TSSOP and 32-lead LFCSP packages, and
the AD8334 is available in a 64-lead LFCSP package.


Similar Part No. - AD8332ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8332ACPZ-R7 AD-AD8332ACPZ-R7 Datasheet
867Kb / 40P
Ultralow Noise VGAs with Preamplifier and Programmable RIN
4/06-Rev. D to Rev. E
More results

Similar Description - AD8332ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8331 AD-AD8331 Datasheet
482Kb / 32P
Ultralow Noise VGAs with Preamplifier and Programmable RIN
11/03-Data Sheet Changed from REV. B to REV. C
AD8332 AD-AD8332 Datasheet
606Kb / 28P
Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
AD8331 AD-AD8331_06 Datasheet
867Kb / 40P
Ultralow Noise VGAs with Preamplifier and Programmable RIN
4/06-Rev. D to Rev. E
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
AD8331 AD-AD8331_15 Datasheet
1Mb / 56P
Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8332 AD-AD8332_15 Datasheet
1Mb / 56P
Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8334 AD-AD8334_15 Datasheet
1Mb / 56P
Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
ADRF6520 AD-ADRF6520 Datasheet
1Mb / 29P
Dual Programmable Filters and VGAs
4/2017-Revision 0
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
Cascadable IF VGAs with Programmable RMS Detectors
4/2018-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com