Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8332ACPZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8332ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 12 of 56
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = 5 V, RL = 500 Ω, RS = RIN = 50 Ω, RIZ = 280 Ω, CSH = 22 pF, f = 10 MHz, RCLMP = ∞, CL = 1 pF, VCM pin floating,
−4.5 dB to +43.5 dB gain (HILO = LO), and differential output voltage, unless otherwise specified.
60
50
40
30
20
10
0
–10
0
0.2
0.4
0.6
0.8
1.0
1.1
VGAIN (V)
HILO = HI
HILO = LO
ASCENDING GAIN MODE
DESCENDING GAIN MODE
(WHERE AVAILABLE)
Figure 7. Gain vs. VGAIN and MODE (MODE Available on RU Package)
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
0.2
0.4
0.6
0.8
1.0
1.1
VGAIN (V)
+25°C
–40°C
+85°C
Figure 8. Absolute Gain Error vs. VGAIN at Three Temperatures
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
0.2
0.4
0.6
0.8
1.0
1.1
VGAIN (V)
1MHz
30MHz
10MHz
70MHz
50MHz
Figure 9. Absolute Gain Error vs. VGAIN at Various Frequencies
50
40
30
20
10
0
–0.5 –0.4 –0.3 –0.2 –0.1
0
0.1
0.2
0.3
0.4
0.5
GAIN ERROR (dB)
SAMPLE SIZE = 80 UNITS
VGAIN = 0.5V
Figure 10. Gain Error Histogram
25
VGAIN = 0.7V
0
5
15
20
25
10
0
5
10
20
15
CHANNEL TO CHANNEL GAIN MATCH (dB)
SAMPLE SIZE = 50 UNITS
VGAIN = 0.2V
Figure 11. Gain Match Histogram for VGAIN = 0.2 V and 0.7 V
50
40
30
20
10
0
–20
–10
100k
1M
10M
100M
500M
FREQUENCY (Hz)
VGAIN = 1V
VGAIN = 0.8V
VGAIN = 0.6V
VGAIN = 0.4V
VGAIN = 0.2V
VGAIN = 0V
Figure 12. Frequency Response for Various Values of VGAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com