Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ARUZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # AD8332ARUZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ARUZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD8332ARUZ-R7 Datasheet HTML 29Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 30Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 31Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 32Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 33Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 34Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 35Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 36Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 33 of 56
When selecting overload protection, the important parameters
are forward and reverse voltages and trr (or
τrr). The Infineon
BAS40-04 series shown in Figure 88 has a
τrr of 100 ps and a VF
of 310 mV at 1 mA. Many variations of these specifications can
be found in vendor catalogs.
LAYOUT, GROUNDING, AND BYPASSING
Due to their excellent high frequency characteristics, these
devices are sensitive to their PCB environments. Realizing
expected performance requires attention to detail critical to
good, high speed, board design.
A multilayer board with power and ground planes is recom-
mended with blank areas in the signal layers filled with ground
plane. Be certain that the power and ground pins provided for
robust power distribution to the device are connected. Decouple
the power supply pins with surface-mount capacitors as close as
possible to each pin to minimize impedance paths to ground.
Decouple the LNA power pins from the VGA supply using
ferrite beads. Together with the capacitors, ferrite beads
eliminate undesired high frequencies without reducing the
headroom. Use a larger value capacitor for every 10 chips to
20 chips to decouple residual low frequency noise. To minimize
voltage drops, use a 5 V regulator for the VGA array.
Several critical LNA areas require special care. The LON and
LOP output traces must be as short as possible before connecting
to the coupling capacitors connected to Pin VIN and Pin VIP.
RIZ must be placed near the LON pin as well. Resistors must be
placed as close as possible to the VGA output pins, VOL and
VOH, to mitigate loading effects of connecting traces. Values
are discussed in the Output Decoupling section.
Signal traces must be short and direct to avoid parasitic effects.
Wherever there are complementary signals, symmetrical layout
should be employed to maintain waveform balance. PCB traces
should be kept adjacent when running differential signals over a
long distance.
MULTIPLE INPUT MATCHING
Matching of multiple sources with dissimilar impedances can be
accomplished as shown in Figure 89. A relay and low supply voltage
analog switch can be used to select between multiple sources
and their associated feedback resistors. An ADG736 dual SPDT
switch is shown in this example; however, multiple switches are
also available and users are referred to the Analog Devices
Selection Guide for switches and multiplexers.
INH
LNA
5Ω
200Ω
50Ω
LMD
LOP
ADG736
LON
0.1µF
18nF
280Ω
1.13kΩ
AD8332
5Ω
SELECT RIZ
Figure 89. Accommodating Multiple Sources
DISABLING THE LNA
Where accessible, connection of the LNA enable pin to ground
powers down the LNA, resulting in a current reduction of about
half. In this mode, the LNA input and output pins can be left
unconnected; however, the power must be connected to all the
supply pins for the disabling circuit to function. Figure 90 illustrates
the connections using AD8331 as an example.
15
16
20
17
18
19
8
7
6
5
1
4
3
2
9
13
10
COMM
VIP
LOP
COML
LMD
LON
VPSL
INH
COMM
ENBV
ENBL
GAIN
0.1µF
HILO
+5V
+5V
NC
VOH
VOL
VOUT
VPOS
+5V
14
11
12
VCM
RCLMP
NC
NC
NC
VIN
0.1µF
AD8331
MODE
GAIN
MODE
VCM
HILO
VIN
RCLMP
Figure 90. Disabling the LNA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com