Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ARUZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8332ARUZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ARUZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8332ARUZ-R7 Datasheet HTML 10Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 11Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 12Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 13Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 14Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 15Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 16Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 17Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 14 of 56
35
SAMPLE SIZE = 100
0.2V < VGAIN < 0.7V
0
5
10
15
20
25
30
49.6
50.5
50.4
50.3
50.2
50.1
50.0
49.9
49.8
49.7
GAIN SCALING FACTOR
Figure 19. Gain Scaling Factor Histogram
100
10
1
0.1
100k
100M
10M
1M
FREQUENCY (Hz)
SINGLE ENDED, PIN VOH OR PIN VOL
RL = ∞
Figure 20. Output Impedance vs. Frequency
10k
1k
100
10
100k
100M
10M
1M
FREQUENCY (Hz)
RIZ = 6.65kΩ, CSH = 0pF
RIZ = 3.01kΩ, CSH = 0pF
RIZ = 1.1kΩ, CSH = 1.2pF
RIZ = 549Ω, CSH = 8.2pF
RIZ = 412Ω, CSH = 12pF
RIZ = 270Ω, CSH = 22pF
RIZ = ∞, CSH = 0pF
Figure 21. LNA Input Impedance vs.
Frequency for Various Values of RIZ and CSH
RIN = 50Ω,
RIZ = 270Ω
RIN = 75Ω,
RIZ = 412Ω
RIN = 100Ω,
RIZ = 549Ω
RIN = 200Ω,
RIZ = 1.1kΩ
RIN = 6kΩ,
RIZ = ∞
0Ω
17Ω
100j
50j
–50j
–100j
25j
–25j
f = 100kHz
Figure 22. Smith Chart, S11 vs. Frequency,
0.1 MHz to 200 MHz for Various Values of RIZ
20
15
10
5
0
–15
–10
–5
100k
1M
10M
100M
500M
FREQUENCY (Hz)
VIN = 10mV p-p
RIN = 50Ω
RIN = 75Ω
RIN = 100Ω
RIN = 200Ω
RIN = 500Ω
RIN = 1kΩ
Figure 23. LNA Frequency Response, Single-Ended, for Various Values of RIN
20
15
10
5
0
–15
–10
–5
100k
1M
10M
100M
500M
FREQUENCY (Hz)
RIZ = ∞
Figure 24. Frequency Response for Unterminated LNA, Single-Ended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com