Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ARUZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # AD8332ARUZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ARUZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD8332ARUZ-R7 Datasheet HTML 35Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 36Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 37Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 38Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 39Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 40Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 41Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 42Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 39 of 56
AD8331 EVALUATION BOARD
GENERAL DESCRIPTION
The AD8331 evaluation board is a platform for testing and
evaluating the AD8331 variable gain amplifier (VGA). The
board is provided completely assembled and tested; the user
simply connects an input signal, VGAIN sources, and a 5 V
power supply. The AD8331-EVALZ is lead free and RoHS
compliant. Figure 95 is a photograph of the board.
USER-SUPPLIED OPTIONAL COMPONENTS
As shown in the schematic in Figure 96, the board provides for
optional components. The components shown in black are for
typical operation, and the components shown in gray are
installed at the user’s discretion.
As shipped, the LNA input impedance of the AD8331-EVALZ is
configured for 50 Ω to accommodate most signal generators and
network analyzers. Input impedances up to 6 kΩ are realized by
changing the values of RFB and CSH. Refer to the Theory of
Operation section for details on this circuit feature. See Table 9
for typical values of input impedance and corresponding
components.
Figure 95. Photograph of AD8331-EVALZ
MEASUREMENT SETUP
The basic board connection for measuring bandwidth is shown
in Figure 97. A 5 V, 100 mA minimum power supply and a low
noise, voltage reference supply for GAIN are required. Table 10
lists jumpers, and Figure 97 shows their functions and positions.
Table 9. LNA External Component Values for Common
Source Impedances
The preferred signal detection method is a differential probe
connected to VO, as shown in Figure 97. Single-ended loads can be
connected using the board edge SMA connector, VOH. Be sure to
take into account the 25.8 dB attenuation incurred when using the
board in this manner. For connection to an ADC, the 270 Ω series
resistors can be replaced with 0 Ω or other appropriate values.
RIN (Ω)
RFB (Ω, Nearest 1% Value)
CSH (pF)
50
274
22
75
412
12
100
562
8
200
1.13 k
1.2
500
3.01 k
None
6 k
∞
None
Table 10. Jumper Functions
Switch
Function
LNA_EN
Enables the LNA when in the top position
VGA_EN
Enables the VGA when in the top position
W5, W6
Connects the AD8331 outputs to the SMA connectors
GN_SLOPE
Left = gain increases with VGAIN
Right = gain decreases with VGAIN
GN_HI_LO
Left = high gain
Right = LO gain
The board is designed for 0603 size, surface-mount components.
Back-to-back diodes can be installed at Location D3 if desired.
To evaluate the LNA as a standalone amplifier, install optional
SMA connectors LON and LOP and capacitors C1 and C2;
typical values are 0.1 μF or smaller. At R4 and R8, 0 Ω resistors
are installed unless capacitive loads larger than 10 pF are connected
to the SMA connectors LON and LOP (such as coaxial cables).
In that event, small value resistors (68 Ω to 100 Ω) must be
installed at R4 and R8 to preserve the stability of the amplifier.
BOARD LAYOUT
The evaluation board circuitry uses four conductor layers. The
two inner layers are grounded, and all interconnecting circuitry
is located on the outer layers. Figure 99 to Figure 102 illustrate
the copper patterns.
A resistor can be inserted at RCLMP if output clamping is
desired. Refer to Table 8 for appropriate values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com