Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ARUZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # AD8332ARUZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ARUZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD8332ARUZ-R7 Datasheet HTML 44Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 45Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 46Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 47Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 48Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 49Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 50Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 51Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 48 of 56
CONFIGURING THE INPUT IMPEDANCE
The board is built and tested using the components shown in
black in Figure 115. Provisions are made for optional components
(shown in gray) that can be installed at user discretion. As
shipped, the input impedances of the low noise amplifiers (LNAs)
are configured for 50 Ω to match the output impedances of most
signal generators and network analyzers. Input impedances up to
6 kΩ can be realized by changing the values of the feedback
resistors, RFB1, RFB2, RFB3, RFB4, and shunt capacitors, C6, C8, C10,
and C12. For reference, Table 12 lists standard values of 1%
resistors for some typical values of input impedance. Of course,
if the user has determined that the source impedance falls
between these values, the feedback resistor value can be
calculated accordingly. Note that the board is designed to accept
standard surface-mount, size 0603 components.
Table 12. LNA External Component Values for Common
Source Impedances
RIN (Ω)
RFB1, RFB2, RFB3, RFB4 (Ω, ±1%)
C6, C8, C10, C12 (pF)
50
274
22
75
412
12
100
562
8
200
1.13 k
1.2
500
3.01 k
No capacitor
6 k
No resistor
No capacitor
Driving the VGA from an External Source or Using the
LNA to Drive an External Load
Appropriate components can be installed if the user wants to
drive the VGA directly from an external source or to evaluate
the LNA output. If the LNA is used to drive off-board loads
or cables, small value series resistors (47 Ω to 100 Ω) are
recommended for LNA decoupling. These can be installed
in the R10, R11, R14, R15, R18, R19, R22, and R23 spaces.
Provisions are made for surface-mount SMA connectors that
can be used for driving from either direction. If the LNA is not
used, it is recommended that the capacitors, C16, C17, C21,
C22, C26, C27, C31, and C32, be carefully removed to avoid
driving the outputs of the LNAs.
Using the Clamp Circuit
The board is shipped with no resistors installed in the spaces
provided for clamp-circuit operation. Note that each pair of
channels shares a clamp resistor. If the output clamping is
desired, the resistors are installed in R49 and R50. The peak-to-
peak clamping level is application dependent.
Viewing Signals
The preferred signal detector is a high impedance differential
probe, such as the Tektronix P6247, 1 GHz differential probe,
connected to the 2-pin headers (VO1, VO2, VO3, or VO4), as
shown in Figure 116. The low capacitance of this probe has the
least effect on the performance of the device of any detection
method tried. The probe can also be used for monitoring input
signals at IN1, IN2, IN3, or IN4. It can be used for probing
other circuit nodes; however, be aware that the 200 kΩ input
impedance can affect certain circuits.
Differential-to-single-ended transformers are provided for
single-ended output connections. Note that series resistors are
provided to protect against accidental output overload should a
50 Ω load be connected to the connector. Of course, the effect
of these resistors is to limit the bandwidth. If the load connected
to the SMA is >500 Ω, the 237 Ω series resistors, RX1, RX2, RX3,
RX4, RX5, RX6, RX7, and RX8, can be replaced with 0 Ω values.
Figure 114. AD8334-EVALZ Assembly
MEASUREMENT SETUP
The basic board connections for measuring bandwidth are
shown in Figure 116. A 5 V, 200 mA (minimum) power supply
is required, and a low noise voltage reference supply is required
for VGAIN.
BOARD LAYOUT
The evaluation board circuitry uses four conductor layers. The
two inner layers are ground, and all interconnecting circuitry is
located on the outer layers. Figure 117 to Figure 120 illustrate
the copper patterns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com