Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ARUZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # AD8332ARUZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ARUZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD8332ARUZ-R7 Datasheet HTML 33Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 34Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 35Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 36Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 37Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 38Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 39Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 40Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 37 of 56
19
1
D10_A
D11_A
24
39
VCC
GND
Y1
A1
G1
1
2
3
6
7
10
4
5
8
9
17
11
14
15
18
19
20
+
16
13
12
G2
A8
A7
A6
A5
A4
A3
A2
Y8
Y7
Y6
Y5
Y4
Y3
Y2
VCC
GND
Y1
A1
G1
1
2
3
6
7
10
4
5
8
9
17
11
14
15
18
19
20
+
16
13
12
G2
A8
A7
A6
A5
A4
A3
A2
Y8
Y7
Y6
Y5
Y4
Y3
Y2
VCC
GND
Y1
A1
G1
1
2
3
6
7
10
4
5
8
9
17
11
14
15
18
19
20
++
16
13
12
G2
A8
A7
A6
A5
A4
A3
A2
Y8
Y7
Y6
Y5
Y4
Y3
Y2
VCC
GND
Y1
A1
G1
1
2
3
6
7
10
4
5
8
9
17
11
14
15
18
19
20
+
16
13
12
G2
A8
A7
A6
A5
A4
A3
A2
Y8
Y7
Y6
Y5
Y4
Y3
Y2
2
3
6
7
10
4
5
8
9
17
11
14
15
18
20
16
13
12
37
21
26
25
30
22
23
28
27
35
29
34
33
38
40
36
31
32
R39
22Ω
DATACLKA
OTR_A
D9_A
D8_A
D6_A
D7_A
D5_A
D4_A
D3_A
D2_A
D1_A
D0_A
DNC
DNC
OTR_B
D11_B
D10_B
D9_B
D8_B
D7_B
D6_B
D5_B
D4_B
D3_B
D2_B
D1_B
D0_B
DNC
DNC
+3.3VDVDD
+3.3VDVDD
+3.3VDVDD
DATACLK
U3
74VHC541
U10
74VHC541
U7
74VHC541
U2
74VHC541
SAM080UPM
76
61
79
58
41
80
77
73
72
78
75
74
71
63
69
68
65
64
62
66
67
70
43
59
56
55
52
60
57
54
53
45
51
48
47
44
42
46
49
50
SAM080UPM
RP 9
8
7
6
5
8
7
6
5
1
4
3
2
1
4
3
2
8
7
6
5
8
7
6
5
1
4
3
2
1
4
3
2
8
7
6
5
8
7
6
5
7
6
5
8
7
6
5
4
3
2
1
4
3
2
RP 11
RP 12
RP 13
RP 14
1
4
3
2
1
4
3
2
18
RP 15
RP 16
R40
22Ω
18
7
6
5
4
3
2
RP 1
18
7
6
5
4
3
2
RP2
18
7
6
5
4
3
2
RP 3
18
7
6
5
4
3
2
RP 4
18
7
6
5
4
3
2
RP 5
1
8
7
6
5
4
3
2
RP 6
18
7
6
5
4
3
2
RP 7
18
7
6
5
4
3
2
RP 8
22 × 4
22 × 4
RP 10
22 × 4
22 × 4
22 × 4
22 × 4
22 × 4
22 × 4
C3
0.1µF
C28
10µF
6.3V
C8
0.1µF
C10
0.1µF
C76
10µF
6.3V
C7
0.1µF
C9
0.1µF
C27
10µF
6.3V
C4
0.1µF
C5
0.1µF
C6
0.1µF
C75
10µF
6.3V
+3.3VDVDD
22 × 4
22 × 4
22 × 4
22 × 4
22 × 4
22 × 4
22 × 4
22 × 4
Figure 93. Interface Schematic, TGC Using an AD8332 and AD9238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com