Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ARUZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8332ARUZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ARUZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8332ARUZ-R7 Datasheet HTML 22Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 23Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 24Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 25Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 26Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 27Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 28Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 29Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 26 of 56
Active Impedance Matching
The LNA supports active impedance matching through an external
shunt feedback resistor from Pin LON to Pin INH. The input
resistance, RIN, is given in Equation 5, where A is the single-
ended gain of 4.5, and 6 kΩ is the unterminated input impedance.
IZ
IZ
IZ
IN
R
R
A
R
R
+
×
=
+
=
kΩ
33
kΩ
6
kΩ
6
1
(5)
CIZ is needed in series with RIZ because the dc levels at Pin LON
and Pin INH are unequal. Expressions for choosing RIZ in terms
of RIN and for choosing CIZ are found in the Applications
Information section. CSH and the ferrite bead enhance stability
at higher frequencies, where the loop gain is diminished, and
prevent peaking. Frequency response plots of the LNA are shown
in Figure 23 and Figure 24. The bandwidth is approximately
130 MHz for matched input impedances of 50 Ω to 200 Ω and
declines at higher source impedances. The unterminated
bandwidth (when RIZ = ∞) is approximately 80 MHz.
Each output can drive external loads as low as 100 Ω in addition
to the 100 Ω input impedance of the VGA (200 Ω differential).
Capacitive loading up to 10 pF is permissible. All loads should
be ac-coupled. Typically, Pin LOP output is used as a single-ended
driver for auxiliary circuits, such as those used for Doppler
ultrasound imaging. Pin LON drives RIZ. Alternatively, a
differential external circuit can be driven from the two outputs
in addition to the active feedback termination. In both cases,
important stability considerations discussed in the Applications
Information section should be carefully observed.
The impedance at each LNA output is 5 Ω. A 0.4 dB reduction
in open circuit gain results when driving the VGA, and a 0.8 dB
reduction results with an additional 100 Ω load at the output.
The differential gain of the LNA is 6 dB higher. If the load is less
than 200 Ω on either side, a compensating load is recommended
on the opposite output.
LNA Noise
The input-referred voltage noise sets an important limit on
system performance. The short-circuit input voltage noise of
the LNA is 0.74 nV/√Hz or 0.82 nV/√Hz (at maximum gain),
including the VGA noise. The open circuit, current noise is
2.5 pA/√Hz. These measurements, taken without a feedback
resistor, provide the basis for calculating the input noise and
noise figure performance of the configurations in Figure 75.
Figure 76 and Figure 77 show simulations extracted from these
results and the 4.1 dB noise figure (NF) measurement with the
input actively matched to a 50 Ω source. Unterminated (RIZ = ∞)
operation exhibits the lowest equivalent input noise and noise
figure. Figure 76 shows the noise figure vs. source resistance,
rising at low RS, where the LNA voltage noise is large compared
to the source noise, and again at high RS due to current noise.
The VGA input-referred voltage noise of 2.7 nV/√Hz is
included in all of the curves.
VOUT
UNTERMINATED
+
–
VIN
RIN
RS
VOUT
RESISTIVE TERMINATION
+
–
VIN
RIN
RS
RS
VOUT
ACTIVE IMPEDANCE MATCH - RS = RIN
+
–
VIN
RIN
RIZ
RIZ
1 + 4.5
RS
RIN =
Figure 75. Input Configurations
7
6
5
4
3
2
1
0
50
100
1k
RS (Ω)
INCLUDES NOISE OF VGA
RESISTIVE TERMINATION
(RS = RIN)
ACTIVE IMPEDANCE MATCH
UNTERMINATED
SIMULATION
Figure 76. Noise Figure vs. RS for Resistive,
Active Match, and Unterminated Inputs
7
6
5
4
3
2
1
0
50
100
1k
RS (Ω)
INCLUDES NOISE OF VGA
RIN = 50Ω
RIN = 75Ω
RIN = 100Ω
RIN = 200Ω
RIZ = ∞
(SIMULATED RESULTS)
Figure 77. Noise Figure vs. RS for Various Fixed Values of RIN, Actively Matched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com