Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ARUZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8332ARUZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ARUZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8332ARUZ-R7 Datasheet HTML 6Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 7Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 8Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 9Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 10Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 11Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 12Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 13Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 10 of 56
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
INH2
LMD2
NC
LON2
LOP2
VIP2
VIN2
VPS2
VPS3
VIN3
VIP3
LOP3
LON3
NC
LMD3
INH3
COM12
VOH1
VOL1
VPS12
VOL2
VOH2
COM12
MODE
NC
COM34
VOH3
VOL3
VPS34
VOL4
VOH4
COM34
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD8334
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PADDLE MUST BE
SOLDERED TO THE PCB GROUND
TO ENSURE PROPER HEAT
DISSIPATION, NOISE, AND
MECHANICAL STRENGTH BENEFITS.
2. NC = NO CONNECT.
Figure 6. 64-Lead LFCSP Pin Configuration (AD8334)
Table 6. 64-Lead LFCSP Pin Function Description (AD8334)
Pin No.
Mnemonic
Description
1
INH2
CH2 LNA Input.
2
LMD2
CH 2 LNA Midsupply Pin; Connect a Capacitor for Midsupply HF Bypass.
3
NC
Not Connected.
4
LON2
CH2 LNA Feedback Output (for RIZ).
5
LOP2
CH2 LNA Output.
6
VIP2
CH2 VGA Positive Input.
7
VIN2
CH2 VGA Negative Input.
8
VPS2
CH2 LNA Supply 5 V.
9
VPS3
CH3 LNA Supply 5 V.
10
VIN3
CH3 VGA Negative Input.
11
VIP3
CH3 VGA Positive Input.
12
LOP3
CH3 LNA Positive Output.
13
LON3
CH3 LNA Feedback Output (for RIZ).
14
NC
Not Connected.
15
LMD3
CH 3 LNA Midsupply Pin; Connect a Capacitor for Midsupply HF Bypass.
16
INH3
CH3 LNA Input.
17
COM3
CH3 LNA Ground.
18
COM4
CH4 LNA Ground.
19
INH4
CH4 LNA Input.
20
LMD4
CH 4 LNA Midsupply Pin; Connect a Capacitor for Midsupply HF Bypass.
21
NC
Not Connected.
22
LON4
CH4 LNA Feedback Output (for RIZ).
23
LOP4
CH4 LNA Positive Output.
24
VIP4
CH4 VGA Positive Input.
25
VIN4
CH4 VGA Negative Input.
26
VPS4
CH4 LNA Supply 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com