Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ARUZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8332ARUZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ARUZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8332ARUZ-R7 Datasheet HTML 14Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 15Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 16Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 17Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 18Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 19Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 20Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 21Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 18 of 56
20mV
500mV
10ns
100
90
10
0
Figure 43. Large Signal Pulse Response, G = 30 dB,
HILO = HI or LO, Top: Input, Bottom: Output Voltage
2
–2
–1
0
1
–50
50
40
30
20
10
0
–10
–20
–30
–40
TIME (ns)
G = 30dB
INPUT
INPUT IS NOT TO SCALE
CL = 0pF
CL = 10pF
CL = 22pF
CL = 47pF
Figure 44. Large Signal Pulse Response for Various Capacitive Loads,
CL = 0 pF, 10 pF, 20 pF, 50 pF
500mV
200mV
400ns
Figure 45. Pin GAIN Transient Response,
Top: VGAIN, Bottom: Output Voltage
5.0
4.0
3.0
2.0
1.0
4.5
3.5
2.5
1.5
0.5
0
05
45
40
35
30
25
20
15
10
5
RCLMP (kΩ)
0
HILO = HI
HILO = LO
Figure 46. Clamp Level vs. RCLMP
4
–4
–3
–2
–1
0
1
2
3
–30 –20 –10
0
1020304050607080
TIME (ns)
G = 40dB
INPUT
RCLMP = 48.1kΩ
RCLMP = 16.5kΩ
RCLMP = 7.15kΩ
RCLMP = 2.67kΩ
Figure 47. Clamp Level Pulse Response for Four Values of RCLMP
200mV
100ns
100
90
10
0
Figure 48. LNA Overdrive Recovery, VINH 0.05 V p-p to 1 V p-p Burst,
VGAIN = 0.27 V VGA Output Shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com