Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ARUZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # AD8332ARUZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ARUZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD8332ARUZ-R7 Datasheet HTML 32Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 33Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 34Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 35Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 36Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 37Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 38Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 39Page - Analog Devices AD8332ARUZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 36 of 56
1
2
3
17
62
6
7
11
10
14
15
18
63
19
20
60
21
22
16
4
13
64
12
5
8
9
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
VREF
VIN+_A
VIN–_A
VIN–_B
VIN+_B
AVDD
REFT_A
REFB_A
SENSE
REFT_B
REFB_B
CLK_B
DCS
DFS
PDWN_B
OEB_B
AGND
AGND
AVDD
AVDD
AGND
AGND
D5_B
D4_B
D3_B
DRGND
D2_B
D1_B
D0_B
DNC
DNC
DRVDD
D10_A
D11_A
61
59
58
57
56
55
54
53
OTR_A
D9_A
D8_A
D6_A
D7_A
D5_A
D4_A
D3_A
D2_A
D1_A
D0_A
DNC
DNC
D4_B
D3_B
D2_B
D1_B
D0_B
DNC
DNC
OTR_B
D11_B
D10_B
D9_B
D8_B
D7_B
D6_B
D5_B
20MHz
ADCLK
+3.3VCLK
ADCLK
+3.3VAVDD
VIN–_B
VIN+_B
+
+3.3VADDIG
SG-636PCE
1
4
3
2
U5
74VHC04
+
+
TP9
TP 12
4
31
2
12
13
10
11
U5
74VHC04
U5
74VHC04
U5
74VHC04
U5
74VHC04
U5
74VHC04
SPARES
8
9
6
5
TP 13
JP1
3
2
1
VDD
OUT
GND
OE
JP4
S2
EXT CLOCK
+
JP11
JP3
JP2
SHARED
REF
+3.3VADDIG
Y
MUX_SELECT
SHARED_REF
CLK_A
PDWN_A
AVDD
OTR_A
D11_A (MSB)
DRGND
D8_A
DRVDD
D7_A
D6_A
D5_A
D4_A
D3_A
D2_A
D1_A
D0_A
DRVDD
D10_A
DRGND
OTR_B
D9_A
D10_B
D9_B
D8_B
D7_B
D6_B
D11_B (MSB)
DNC
DNC
OEB_A
EXT
INT
VIN+_A
VIN–_A
N
DATA
CLK
VREF
C11
10µF
6.3V
C14
0.1µF
C23
0.1µF
C25
1nF
R14
4.7kΩ
R11
100Ω
R10
0Ω
R15
0Ω
C22
0.1µF
C21
1nF
C86
0.1µF
C47
10µF
6.3V
ADCLK
C2
10µF
6.3V
C18
1nF
C17
0.1µF
C52
10nF
C57
10nF
C61
18pF
C40
0.1µF
R5
33Ω
R6
33Ω
R4
1.5kΩ
R12
1.5kΩ
1.5kΩ
1.5kΩ
C12
10µF
6.3V
R9
0Ω
R8
33Ω
R7
33Ω
C19
1nF
C20
0.1µF
C63
0.1µF
C26
0.1µF
C24
1nF
C33
10µF
6.3V
C38
0.1µF
C16
0.1µF
C62
18pF
C15
1nF
C35
0.1µF
C36
0.1µF
C37
0.1µF
R20
4.7kΩ
R17
49.9Ω
R41
4.7kΩ
+3.3VCLK
R19
499Ω
R16
5kΩ
R18
499Ω
+
+3.3VADDIG
3
2
1
C32
0.1µF
C39
10µF
C34
10µF
6.3V
C44
1µF
C31
0.1µF
C30
0.1µF
C29
0.1µF
C1
0.1µF
OUT
VR1
ADP3339AKC-3.3
L2
120nH FB
L3
120nH FB
L4
120nH FB
L5
120nH FB
IN
OUT
GND
31
2
TAB
+
+5V
C13
1nF
U6
Figure 92. Converter Schematic, TGC Using an AD8332 and AD9238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com