Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACPZ-R21 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8555ACPZ-R21
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACPZ-R21 Datasheet(HTML) 4 Page - Analog Devices

  AD8555ACPZ-R21 Datasheet HTML 1Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 2Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 3Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 4Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 5Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 6Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 7Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 8Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD8555
Rev. A | Page 4 of 28
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DIGITAL INTERFACE
Input Current
2
μA
DIGIN Pulse Width to Load 0
tw0
TA = 25°C
0.05
10
μs
DIGIN Pulse Width to Load 1
tw1
TA = 25°C
50
μs
Time between Pulses at DIGIN
tws
TA = 25°C
10
μs
DIGIN Low
TA = 25°C
1
V
DIGIN High
TA = 25°C
4
V
DIGOUT Logic 0
TA = 25°C
1
V
DIGOUT Logic 1
TA = 25°C
4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com