Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACPZ-R21 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8555ACPZ-R21
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACPZ-R21 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8555ACPZ-R21 Datasheet HTML 7Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 8Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 9Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 10Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 11Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 12Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 13Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 14Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8555
Rev. A | Page 11 of 28
SUPPLY VOLTAGE (V)
6
02
3
14
5
0
3
2
1
Figure 16. Supply Current (ISY) vs. Supply Voltage
TEMPERATURE (°C)
150
–75
–50
–25
0
25
50
75
100
125
5V
2.7V
0.5
3.0
2.5
2.0
1.5
1.0
Figure 17. Supply Current (ISY) vs. Temperature
FREQUENCY (Hz)
1M
100k
100
1k
10k
40
80
120
0
VS = ±2.5V
GAIN = 70
Figure 18. CMRR vs. Frequency
FREQUENCY (Hz)
1M
100
1k
10k
100k
120
80
40
0
VS = ±2.5V
GAIN = 1280
Figure 19. CMRR vs. Frequency
TEMPERATURE (°C)
–75
–50
0
25
75
50
–25
100
125
150
75
145
125
135
95
105
115
85
VS = 5V
70
100
200
400
800
1280
Figure 20. CMRR vs. Temperature at Different Gains
FREQUENCY (kHz)
10
5
0
60
50
40
30
20
10
VS = ±2.5V
GAIN = 70
Figure 21. Input Voltage Noise Density vs. Frequency (0 Hz to 10 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com