Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACPZ-R21 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8555ACPZ-R21
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACPZ-R21 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8555ACPZ-R21 Datasheet HTML 20Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 21Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 22Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 23Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 24Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 25Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 26Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 27Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD8555
Rev. A | Page 24 of 28
Suggested Programming Procedure
1.
Set VDD and VSS to the desired values in the application.
Use simulation mode to test and determine the desired
codes for the second stage gain, first stage gain, and output
offset. The nominal values for these parameters are shown
in Table 6, Table 7, Equation 1, and Equation 2; the codes
corresponding to these values can be used as a starting
point. However, since actual parameter values for given
codes vary from device to device, some fine tuning is ne-
cessary for the best possible accuracy.
One way to choose these values is to set the output offset
to an approximate value, e.g., Code 128 for midsupply, to
allow the required gain to be determined. Then set the
second stage gain such that the minimum first stage gain
(Code 0) gives a lower gain than required, and the maxi-
mum first stage gain (Code 127) gives a higher gain than
required. After choosing the second stage gain, the first
stage gain can be chosen to fine tune the total gain. Finally,
the output offset can be adjusted to give the desired value.
After determining the desired codes for second stage gain,
first stage gain, and output offset, the device is ready for
permanent programming.
2.
Set VSS to 0 V and VDD to 5.5 V. Use program mode to
permanently enter the desired codes for the second stage
gain, first stage gain, and output offset. Blow the master
fuse to allow the AD8555 to read data from the fuses and
to prevent further programming.
3.
Set VDD and VSS to the desired values in the application.
Use read mode with low sense current followed by high
sense current to verify programmed codes.
4.
Measure gain and offset to verify correct functionality.
Suggested Algorithm to Determine
Optimal Gain and Offset Codes
1.
Determine the desired gain, GA (e.g., using measure-
ments).
2a.
Use Table 7 to determine the second stage gain G2 such
that (4.00 × 1.04) < (GA/G2) < (6.4/1.04). This ensures
that the first and last codes for the first stage gain are not
used, thereby allowing enough first stage gain codes
within each second stage gain range to adjust for the 3%
accuracy.
2b.
Use simulation mode to set the second stage gain to G2.
3a.
Set the output offset to allow the AD8555 gain to be
measured, e.g., use Code 128 to set it to midsupply.
3b.
Use Table 6 or Equation 3 to set the first stage gain code
CG1 such that the first stage gain is nominally GA/G2.
3c.
Measure the resulting gain GB. GB should be within
3% of GA.
3d.
Calculate the first stage gain error (in relative terms)
EG1 = GB/GA − 1.
3e.
Calculate the error (in the number of the first stage gain
codes) CEG1 = EG1/0.00370.
3f.
Set the first stage gain code to CG1 − CEG1.
3g.
Measure the gain GC. GC should be closer to GA than to GB.
3h.
Calculate the error (in relative terms) EG2 = GC/GA − 1.
3i.
Calculate the error (in the number of the first stage gain
codes) CEG2 = EG2/0.00370.
3j.
Set the first stage gain code to CG1 − CEG1 − CEG2. The
resulting gain should be within one code of GA.
4a.
Determine the desired output offset OA, e.g., using the
measurements.
4b.
Use Equation 1 to set the output offset code CO1 such
that the output offset is nominally OA.
4c.
Measure the output offset OB. OB should be within
3% of OA.
4d.
Calculate the error (in relative terms) EO1 = OB/OA − 1.
4e.
Calculate the error (in the number of the output offset
codes) CEO1 = EO1/0.00392.
4f.
Set the output offset code to CO1 − CEO1.
4g.
Measure the output offset OC. OC should be closer to OA
than to OB.
4h.
Calculate the error (in relative terms) EO2 = OC/OA − 1.
4i.
Calculate the error (in the number of the output offset
codes) CEO2 = EO2/0.00392.
4j.
Set the output offset code to CO1 − CEO1 − CEO2. The
resulting offset should be within one code of OA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com