Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACPZ-R21 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8555ACPZ-R21
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACPZ-R21 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8555ACPZ-R21 Datasheet HTML 16Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 17Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 18Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 19Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 20Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 21Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 22Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 23Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD8555
Rev. A | Page 20 of 28
CODE
01
0
0
1
1
WAVEFORM
tW0
tWS
tW0
tWS
tWS
tWS
tW0
tWS
tW1
tW1
tW1
Figure 51. Timing Diagram for Code 010011
Table 10. Timing Specifications
Timing Parameter
Description
Specification
tw0
Pulse Width for Loading 0 into Shift Register
Between 50 ns and 10 μs
tw1
Pulse Width for Loading 1 into Shift Register
≥50 μs
tws
Width between Pulses
≥10 μs
Table 11. 38-Bit Serial Word Format
Field No.
Bits
Description
Field 0
Bits 0 to 11
12-Bit Start of Packet 1000 0000 0001
Field 1
Bits 12 to 13
2-Bit Function
00: Change Sense Current
01: Simulate Parameter Value
10: Program Parameter Value
11: Read Parameter Value
Field 2
Bits 14 to 15
2-Bit Parameter
00: Second Stage Gain Code
01: First Stage Gain Code
10: Output Offset Code
11: Other Functions
Field 3
Bits 16 to 17
2-Bit Dummy 10
Field 4
Bits 18 to 25
8-Bit Value
Parameter 00 (Second Stage Gain Code): 3 LSBs Used
Parameter 01 (First Stage Gain Code): 7 LSBs Used
Parameter 10 (Output Offset Code): All 8 Bits Used
Parameter 11 (Other Functions)
Bit 0 (LSB): Master Fuse
Bit 1: Fuse for Production Test at Analog Devices
Bit 2: Parity Fuse
Field 5
Bits 26 to 37
12-Bit End of Packet 0111 1111 1110
A 38-bit serial word is used, divided into 6 fields. Assuming
each bit can be loaded in 60 μs, the 38-bit serial word transfers
in 2.3 ms. Table 11 summarizes the word format.
Fields 0 and 5 are the start of packet and end of packet field,
respectively. Matching the start of packet field with 1000 0000
0001 and the end of packet field with 0111 1111 1110 ensures
that the serial word is valid and enables decoding of the other
fields. Field 3 breaks up the data and ensures that no data com-
bination can inadvertently trigger the start of packet and end of
packet fields. Field 0 should be written first and Field 5 written
last. Within each field, the MSB must be written first and the
LSB written last. The shift register features power-on reset to
minimize the risk of inadvertent programming; power-on reset
occurs when VDD is between 0.7 V and 2.2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com