Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACPZ-R21 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8555ACPZ-R21
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACPZ-R21 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8555ACPZ-R21 Datasheet HTML 9Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 10Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 11Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 12Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 13Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 14Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 15Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 16Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD8555
Rev. A | Page 13 of 28
LOAD CAPACITANCE (nF)
100.0
0.1
1.0
10.0
60
50
40
30
20
10
0
RS
CL = 1nF
OUTPUT
BUFFER
VS = ±2.5V
RS = 0
RS = 10
RS = 20
RS = 50
RS = 100
Figure 28. Output Buffer Positive Overshoot
LOAD CAPACITANCE (nF)
100.0
0.1
1.0
10.0
60
50
40
30
20
10
0
RS
CL
VS = ±2.5V
RS = 0
RS = 10
RS = 20
RS = 50
RS = 100
Figure 29. Output Buffer Negative Overshoot
LOAD CURRENT (mA)
10.0
0.01
0.10
1.00
0.001
1.000
0.100
0.010
VS = ±2.5V
SINK
SOURCE
Figure 30. Output Voltage to Supply Rail vs. Load Current
TEMPERATURE (°C)
175
–75
–50
–25
0
25
50
75
100
125
150
–15
15
12
6
3
0
9
–3
–6
–9
–12
SOURCE 2.7V
SINK 5V
SOURCE 5V
SINK 2.7V
Figure 31. Output Short Circuit vs. Temperature
TIME (100
μs/DIV)
2
4
0
3
2
1
0
SUPPLY VOLTAGE
VOUT
Figure 32. Power-On Response at 25°C
TIME (100
μs/DIV)
5
6
4
3
2
1
0
SUPPLY VOLTAGE
VOUT
Figure 33. Power-On Response at 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com