Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACPZ-R21 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8555ACPZ-R21
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACPZ-R21 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8555ACPZ-R21 Datasheet HTML 10Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 11Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 12Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 13Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 14Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 15Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 16Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 17Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD8555
Rev. A | Page 14 of 28
TIME (100
μs/DIV)
5
6
4
3
2
1
0
SUPPLY VOLTAGE
VOUT
Figure 34. Power-On Response at −40°C
TEMPERATURE (°C)
150
–75
–50
–25
0
25
50
75
100
125
100
150
135
130
125
145
140
120
115
110
105
VS = 2.7V TO 5.5V
Figure 35. PSRR vs. Temperature
FREQUENCY (kHz)
100
0.01
0.1
1
10
140
120
100
80
60
40
20
0
Figure 36. PSRR vs. Frequency
TIME (100
μs/DIV)
2
T
VS = ±2.5V
GAIN = 70
CL = 0.1μF
FIN = 10kHz
Figure 37. Small Signal Response
TIME (100
μs/DIV)
T
2
VS = ±2.5V
GAIN = 70
CL = 100pF
FIN = 1kHz
Figure 38. Small Signal Response
TIME (10
μs/DIV)
2
T
VS = ±2.5V
GAIN = 70
CL = 100pF
Figure 39. Large Signal Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com