Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACPZ-R21 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8555ACPZ-R21
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACPZ-R21 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8555ACPZ-R21 Datasheet HTML 5Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 6Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 7Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 8Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 9Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 10Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 11Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 12Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD8555
Rev. A | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VOS (μV)
9
–9
–6
–3
3
6
0
0
30
20
40
10
VS = 5V
Figure 4. Input Offset Voltage Distribution
VCM (V)
4.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
Figure 5. Input Offset Voltage vs. Common-Mode Voltage
TEMPERATURE (°C)
150
–50
–25
0
25
50
75
100
125
10
8
6
4
2
0
–2
–4
–6
–8
–10
Figure 6. Input Offset Voltage vs. Temperature
TCVOS (nV/°C)
75.0
50.0
62.5
37.5
25.0
12.5
0
0
40
30
35
25
20
15
10
5
VS = 5V
Figure 7. TCVOS @ VS = 5 V
TCVOS (nV/°C)
0
12.5
25.0
37.5
50.0
62.5
75.0
0
50
40
35
25
45
15
5
30
20
10
Figure 8. TCVOS @ VS = 2.7 V
TEMPERATURE (°C)
150
–50
–25
0
25
50
75
100
125
–10.0
10.0
7.5
5.0
2.5
0
–2.5
–5.0
–7.5
VOUT = 0.3V
VOUT = 4.7V
VS = 5V
Figure 9. Output Buffer Offset vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com