Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACPZ-R21 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8555ACPZ-R21
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACPZ-R21 Datasheet(HTML) 1 Page - Analog Devices

  AD8555ACPZ-R21 Datasheet HTML 1Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 2Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 3Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 4Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 5Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 6Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 7Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 8Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Zero-Drift, Digitally Programmable
Sensor Signal Amplifier
AD8555
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703©2004–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Very low offset voltage: 10 μV maximum over temperature
Very low input offset voltage drift: 60 nV/°C maximum
High CMRR: 96 dB minimum
Digitally programmable gain and output offset voltage
Single-wire serial interface
Open and short wire fault detection
Low-pass filtering
Stable with any capacitive load
Externally programmable output clamp voltage for driving
low voltage ADCs
LFCSP-16 and SOIC-8 packages
2.7 V to 5.5 V operation
−40°C to +125°C operation
APPLICATIONS
Automotive sensors
Pressure and position sensors
Thermocouple amplifiers
Industrial weigh scales
Precision current sensing
Strain gages
FUNCTIONAL BLOCK DIAGRAM
A3
A2
A4
A5
VDD
VDD
DAC
VSS
VSS
VDD
VSS
VDD
VDD
VSS
VCLAMP
VPOS
VSS
FILT/
DIGOUT
VOUT
A1
VDD
VSS
VNEG
R1
R3
R2
R5
R7
P4
R4
R6
RF
P3
P2
P1
Figure 1.
GENERAL DESCRIPTION
The AD8555 is a zero-drift, sensor signal amplifier with digital-
ly programmable gain and output offset. Designed to easily and
accurately convert variable pressure sensor and strain bridge
outputs to a well-defined output voltage range, the AD8555 also
accurately amplifies many other differential or single-ended
sensor outputs. The AD8555 uses the ADI patented low noise
auto-zero and DigiTrim® technologies to create an incredibly
accurate and flexible signal processing solution in a very com-
pact footprint.
Gain is digitally programmable in a wide range from 70 to 1,280
through a serial data interface. Gain adjustment can be fully
simulated in-circuit and then permanently programmed with
proven and reliable poly-fuse technology. Output offset voltage
is also digitally programmable and is ratiometric to the supply
voltage.
In addition to extremely low input offset voltage and input off-
set voltage drift and very high dc and ac CMRR, the AD8555
also includes a pull-up current source at the input pins and a
pull-down current source at the VCLAMP pin. This allows
open wire and shorted wire fault detection. A low-pass filter
function is implemented via a single low cost external capacitor.
Output clamping set via an external reference voltage allows the
AD8555 to drive lower voltage ADCs safely and accurately.
When used in conjunction with an ADC referenced to the same
supply, the system accuracy becomes immune to normal supply
voltage variations. Output offset voltage can be adjusted with a
resolution of better than 0.4% of the difference between VDD
and VSS. A lockout trim after gain and offset adjustment fur-
ther ensures field reliability.
The AD8555 is fully specified over the extended industrial tem-
perature range of −40°C to +125°C. Operating from single-supply
voltages of 2.7 V to 5.5 V, the AD8555 is offered in the narrow
8-lead SOIC package and the 4 mm × 4 mm 16-lead LFCSP.


Similar Part No. - AD8555ACPZ-R21

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8555ACPZ-R2 AD-AD8555ACPZ-R2 Datasheet
696Kb / 29P
Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
More results

Similar Description - AD8555ACPZ-R21

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8555 AD-AD8555 Datasheet
503Kb / 28P
Zero-Drift, Digitally Programmable Sensor Signal Amplifier
4/04-Revision 0
AD8231 AD-AD8231 Datasheet
630Kb / 20P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
AD8231 AD-AD8231_1 Datasheet
686Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
Digitally Programmable Sensor Signal Amplifier
REV. C
AD8231 AD-AD8231_15 Datasheet
589Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. B
AD8555 AD-AD8555_15 Datasheet
616Kb / 28P
Zero-Drift, Digitally Programmable
Rev. A
AD8231 AD-AD8231_16 Datasheet
668Kb / 25P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. C
AD8557 AD-AD8557_16 Datasheet
585Kb / 25P
Digitally Programmable Sensor Signal Amplifier
Rev. D
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
AD8555 AD-AD8555_V01 Datasheet
696Kb / 29P
Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com