Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACPZ-R21 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8555ACPZ-R21
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACPZ-R21 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8555ACPZ-R21 Datasheet HTML 8Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 9Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 10Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 11Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 12Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 13Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 14Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 15Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD8555
Rev. A | Page 12 of 28
FREQUENCY (kHz)
500
250
0
30
25
20
15
10
5
VS = ±2.5V
GAIN = 70
35
Figure 22. Input Voltage Noise Density vs. Frequency (0 Hz to 500 kHz)
TIME (1s/DIV)
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
VS = ±2.5V
GAIN = 1000
Figure 23. Low Frequency Input Voltage Noise (0.1 Hz to 10 Hz)
Figure 24. Low Frequency Input Voltage Noise (0.1 Hz to 10 Hz)
FREQUENCY (Hz)
1k
100k
10k
1M
GAIN = 1280
GAIN = 70
VS = ±2.5V
CL = 40PF
60
40
20
0
Figure 25. Closed-Loop Gain vs. Frequency Measured at Filter Pin
FREQUENCY (Hz)
1k
100k
10k
1M
GAIN = 70
GAIN = 1280
VS = ±2.5V
60
40
20
0
Figure 26. Closed-Loop Gain vs. Frequency Measured at Output Pin
FREQUENCY (Hz)
1k
100k
10k
1M
10M
VS = ±2.5V
4
8
0
–4
–8
Figure 27. Output Buffer Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com