Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232PN Datasheet(PDF) 28 Page - Power Integrations, Inc.

Part # TOP232PN
Description  Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232PN Datasheet(HTML) 28 Page - Power Integrations, Inc.

Back Button TOP232PN Datasheet HTML 24Page - Power Integrations, Inc. TOP232PN Datasheet HTML 25Page - Power Integrations, Inc. TOP232PN Datasheet HTML 26Page - Power Integrations, Inc. TOP232PN Datasheet HTML 27Page - Power Integrations, Inc. TOP232PN Datasheet HTML 28Page - Power Integrations, Inc. TOP232PN Datasheet HTML 29Page - Power Integrations, Inc. TOP232PN Datasheet HTML 30Page - Power Integrations, Inc. TOP232PN Datasheet HTML 31Page - Power Integrations, Inc. TOP232PN Datasheet HTML 32Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
TOP232-234
28
B
7/01
100
50
36
5.60
5.85
6.10
±50
1.0
1.5
2.0
0.3
0.6
1.0
ns
ns
V
V
ppm/
°C
mA
Conditions
(Unless Otherwise Specified)
See Figure 34
SOURCE = 0 V
; T
J = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units
t
R
t
F
V
C(SHUNT)
l
CD1
l
CD2
Measured in a Typical
Flyback Converter Application
See Note D
I
C = 4 mA
Output
MOSFET Enabled
V
M = 0 V
Output
MOSFET Disabled
V
M = 0 V
SUPPLY VOLTAGE CHARACTERISTICS
OUTPUT (cont.)
Off-State
Current
Breakdown
Voltage
I
DSS
BV
DSS
150
µA
700
V
Rise
Time
Fall
Time
DRAIN Supply
Voltage
Shunt Regulator
Voltage
Shunt Regulator
Temperature Drift
Control Supply/
Discharge Current
V
M = Floating; IC = 4mA
V
DS = 560 V; TJ = 125 °C
V
M = Floating; IC = 4mA
I
D = 100 µA; TJ = 25 °C
NOTES:
A. For specifications with negative values, a negative temperature coefficient corresponds to an increase in
magnitude with increasing temperature, and a positive temperature coefficient corresponds to a decrease in
magnitude with increasing temperature.
B. Guaranteed by characterization. Not tested in production.
C. For externally adjusted current limit values, please refer to the graph (Current Limit vs. External Current Limit
Resistance) in the Typical Performance Characteristics section.
D. It is possible to start up and operate TOPSwitch-FX at DRAIN voltages well below 36 V. However, the CONTROL
pin charging current is reduced, which affects start-up time, auto-restart frequency, and auto-restart duty cycle.
Refer to the characteristic graph on CONTROL pin charge current (I
C) vs. DRAIN voltage for low voltage operation
characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com