Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232PN Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # TOP232PN
Description  Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232PN Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button TOP232PN Datasheet HTML 15Page - Power Integrations, Inc. TOP232PN Datasheet HTML 16Page - Power Integrations, Inc. TOP232PN Datasheet HTML 17Page - Power Integrations, Inc. TOP232PN Datasheet HTML 18Page - Power Integrations, Inc. TOP232PN Datasheet HTML 19Page - Power Integrations, Inc. TOP232PN Datasheet HTML 20Page - Power Integrations, Inc. TOP232PN Datasheet HTML 21Page - Power Integrations, Inc. TOP232PN Datasheet HTML 22Page - Power Integrations, Inc. TOP232PN Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
TOP232-234
B
7/01
19
Key Application Considerations
TOPSwitch-FX vs. TOPSwitch-ll
Table 3 compares the features and performance differences
between TOPSwitch-FX and TOPSwitch-II. Many of the new
features eliminate the need for costly discrete component.
Other features increase the robustness of design allowing cost
savings in the transformer and other power components.
*Not available
Table 3. Comparison Between TOPSwitch-II and TOPSwitch-FX. (continued on next page)
Function
TOPSwitch-II
TOPSwitch-FX
Figures Advantages
Soft-Start
N/A*
10 ms
• Limits peak current and voltage
component stresses during start-up
• Eliminates external components
used for soft-start in most
applications
• Minimizes output overshoot
External Current Limit
N/A*
Programmable
8, 17,
• Smaller transformer
100% to 40% of
18, 21,
• Higher efficiency
default current
22
• Allows tighter power limit
limit
during output overload conditions
DC
MAX
67%
78%
4
• Smaller input cap (wider dynamic
range)
• Higher power capability (when used
with RCD clamp for large V
OR)
• Allows use of Schottky secondary
rectifier diode for up to 15 V output
for high efficiency
Line Feed Forward with
N/A*
78% to 38%
4, 8, 14, • Rejects line ripple
DC
MAX Reduction
23
• Increases transient and surge
voltage withstand capability
Line OV Shutdown
N/A*
Single resistor
8, 14,
• Increases voltage withstand cap-
programmable
16, 23
ability against line surge
Line UV Detection
N/A*
Single resistor
5, 8, 14, • Prevents auto-restart glitches
programmable
15, 23
during power down
Switching Frequency
100 kHz
±10%
132 kHz
±7%
10
• Smaller transformer
• Fundamental below 150 kHz for
conducted EMI
Switching Frequency
N/A*
66 kHz
±7%
11, 12
• Lower losses when using RC and
Option (TO-220 only)
RCD snubber for noise reduction in
video applications
• Allows for higher efficiency in
standby mode
• Lower EMI (second harmonic below
150 kHz)
Frequency Jitter
N/A*
±4 kHz@132 kHz
6, 28
• Reduces conducted EMI
±2 kHz@66 kHz
Cycle Skipping
N/A*
At DC
MIN (1.5%)
4
• Zero load regulation without dummy
load
• Low power consumption at no load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com