Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232PN Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # TOP232PN
Description  Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232PN Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button TOP232PN Datasheet HTML 17Page - Power Integrations, Inc. TOP232PN Datasheet HTML 18Page - Power Integrations, Inc. TOP232PN Datasheet HTML 19Page - Power Integrations, Inc. TOP232PN Datasheet HTML 20Page - Power Integrations, Inc. TOP232PN Datasheet HTML 21Page - Power Integrations, Inc. TOP232PN Datasheet HTML 22Page - Power Integrations, Inc. TOP232PN Datasheet HTML 23Page - Power Integrations, Inc. TOP232PN Datasheet HTML 24Page - Power Integrations, Inc. TOP232PN Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
TOP232-234
B
7/01
21
is more cost effective than the Zener clamp but requires more
careful design (see quick design checklist).
Output Diode
The output diode is selected for peak inverse voltage, output
current, and thermal conditions in the application (including
heat sinking, air circulation, etc.). The higher DC
MAX of
TOPSwitch-FX along with an appropriate transformer turns
ratio can allow the use of a 60 V Schoktty diode for higher
efficiency on output voltages as high as 15 V (See Figure 24. A
12 V, 30 W design using a 60 V Schottky for the output diode).
Soft-Start
Generally a power supply experiences maximum stress at start-
up before the feedback loop achieves regulation. For a period
of 10 ms the on-chip soft-start linearly increases the duty cycle
from zero to the default DC
MAX at turn on, which causes the
primary current and output voltage to rise in an orderly manner
allowing time for the feedback loop to take control of the duty
cycle. This reduces the stress on the TOPSwitch-FX MOSFET,
clamp circuit and output diode(s), and helps prevent transformer
saturation during start-up. Also, soft-start limits the amount of
output voltage overshoot, and in many applications eliminates
the need for a soft-finish capacitor.
EMI
The frequency jitter feature modulates the switching frequency
over a narrow band as a means to reduce conducted EMI peaks
associated with the harmonics of the fundamental switching
frequency. This is particularly beneficial for average detection
mode. As can be seen in Figure 28, the benefits of jitter increase
with the order of the switching harmonic due to an increase in
frequency deviation.
The FREQUENCY pin of TOPSwitch-FX offers a switching
frequency option of 132 kHz or 66 kHz. In applications that
require heavy snubbers on the drain node for reducing high
frequency radiated noise (for example, video noise sensitive
applications such as VCR, DVD, monitor, TV, etc.), operating
at 66 kHz will reduce snubber loss resulting in better efficiency.
Also, in applications where transformer size is not a concern,
use of the 66 kHz option will provide lower EMI and higher
efficiency. Note that the second harmonic of 66 kHz is still
below 150 kHz, above which the conducted EMI specifications
get much tighter.
For 10 W or below, it is possible to use a simple inductor in place
of a more costly AC input common mode choke to meet
worldwide conducted EMI limits.
Transformer Design
It is recommended that the transformer be designed for maximum
operating flux density of 3000 gauss and a peak flux density of
4200 gauss at maximum current limit. The turns ratio should be
chosen for a reflected voltage (V
OR) no greater than 135 V when
12
10
8
6
4
2
0
2nd
3rd
4th
5th
Switching Harmonic
Quasi-Peak
Average
-20
-10
0
-10
20
30
40
50
60
70
80
0.15
1
10
30
Frequency (MHz)
VFG243B (QP)
VF646B (AV)
TOPSwitch-II (no jitter)
VFG243B (QP)
VF646B (AV)
-20
-10
0
-10
20
30
40
50
60
70
80
0.15
1
10
30
Frequency (MHz)
TOPSwitch-FX (with jitter)
(a)
(b)
(c)
Figure 28. (a) Conducted noise improvement for low frequency
harmonics due to jitter, (b) TOPSwitch-II full range EMI
scan (100kHz, no jitter), (c) TOPSwitch-FX full range
EMI scan (132 kHz, with jitter) with identical circuitry
and conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com