Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232PN Datasheet(PDF) 24 Page - Power Integrations, Inc.

Part # TOP232PN
Description  Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232PN Datasheet(HTML) 24 Page - Power Integrations, Inc.

Back Button TOP232PN Datasheet HTML 20Page - Power Integrations, Inc. TOP232PN Datasheet HTML 21Page - Power Integrations, Inc. TOP232PN Datasheet HTML 22Page - Power Integrations, Inc. TOP232PN Datasheet HTML 23Page - Power Integrations, Inc. TOP232PN Datasheet HTML 24Page - Power Integrations, Inc. TOP232PN Datasheet HTML 25Page - Power Integrations, Inc. TOP232PN Datasheet HTML 26Page - Power Integrations, Inc. TOP232PN Datasheet HTML 27Page - Power Integrations, Inc. TOP232PN Datasheet HTML 28Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
TOP232-234
24
B
7/01
ABSOLUTE MAXIMUM RATINGS(1)
DRAIN Voltage ............................................ -0.3 to 700 V
DRAIN Peak Current: TOP232 ................................. 0.8 A
TOP233 ................................. 1.6 A
TOP234 ................................. 2.4 A
CONTROL Voltage .......................................... -0.3 to 9 V
CONTROL Current ...............................................100 mA
MULTI-FUNCTION Pin Voltage .................... -0.3 to 9 V
FREQUENCY Pin Voltage ............................... -0.3 to 9 V
I
C = 4 mA;
T
J = 25 °C
I
C =
I
CD1
f
OSC
∆f
f
M
DC
MAX
DC
MIN
t
SOFT
CONTROL FUNCTIONS
Conditions
(Unless Otherwise Specified)
See Figure 34
SOURCE = 0 V
; T
J = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units
THERMAL IMPEDANCE
kHz
kHz
Hz
%
%
ms
%/mA
Thermal Impedance: Y Package (
θ
JA)
(1) ............... 70
°C/W
(
θ
JC)
(2) ................. 2
°C/W
P/G Package:
(
θ
JA) ........ 45 °C/W
(3); 35
°C/W(4)
(
θ
JC)
(5) .......................... 11
°C/W
Notes:
1. Free standing with no heatsink.
2. Measured at the back surface of tab.
3. Soldered to 0.36 sq. inch (232 mm2), 2oz. (610 gm/m2) copper clad.
4. Soldered to 1 sq. inch (645 mm2), 2oz. (610 gm/m2) copper clad.
5. Measured on the SOURCE pin close to plastic interface.
124
132
140
61.5
66
70.5
± 4
± 2
250
75.0
78.0
82.0
35.0
47.0
57.0
0.8
1.5
2.7
10
14
-27
-22
-17
I
C =
4 mA; T
J = 25 °C
Switching
Frequency
(average)
Frequency Jitter
Deviation
Frequency Jitter
Modulation Rate
Maximum Duty
Cycle
Minimum Duty
Cycle (Prior to
Cycle Skipping)
Soft Start Time
PWM
Gain
FREQUENCY Pin
Connected to SOURCE
FREQUENCY Pin
Connected to CONTROL
132 kHz Operation
66 kHz Operation
I
M ≤ IM(DC)
I
M = 190 µA
T
J = 25 °C; DCMIN to DCMAX
Storage Temperature ..................................... -65 to 150
°C
Operating Junction Temperature(2) ................ -40 to 150
°C
Lead Temperature(3) ................................................ 260
°C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Normally limited by internal circuitry.
3. 1/16" from case for 5 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com