Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232PN Datasheet(PDF) 29 Page - Power Integrations, Inc.

Part # TOP232PN
Description  Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232PN Datasheet(HTML) 29 Page - Power Integrations, Inc.

Back Button TOP232PN Datasheet HTML 25Page - Power Integrations, Inc. TOP232PN Datasheet HTML 26Page - Power Integrations, Inc. TOP232PN Datasheet HTML 27Page - Power Integrations, Inc. TOP232PN Datasheet HTML 28Page - Power Integrations, Inc. TOP232PN Datasheet HTML 29Page - Power Integrations, Inc. TOP232PN Datasheet HTML 30Page - Power Integrations, Inc. TOP232PN Datasheet HTML 31Page - Power Integrations, Inc. TOP232PN Datasheet HTML 32Page - Power Integrations, Inc. TOP232PN Datasheet HTML 33Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
TOP232-234
B
7/01
29
Figure 32. CONTROL Pin I-V Characteristic.
Figure 31. Duty Cycle Measurement.
Figure 33. Drain Current Operating Envelope.
Figure 34. TOPSwitch-FX General Test Circuit.
PI-2538-040401
5-50 V
S4
0-60 k
Ω
40 V
0-15 V
0.1
µF
47
µF
470
Ω
5 W
470
Ω
100 k
Ω
NOTES: 1. This test circuit is not applicable for current limit or output characteristic measurements.
2. For P and G packages, short all SOURCE pins together.
D
S
F
C
M
C
CONTROL
TOPSwitch-FX
S2
S3
S1
0.8
1.3
1.2
1.1
0.9
0.8
1.0
0
01
2
6
8
3
Time (us)
45
7
0.7
0.6
0.5
0.4
0.3
0.2
0.1
ILIMIT(MAX) @ 25 °C
ILIMIT(MIN) @ 25 °C
IINIT(MIN) @ 85 VAC
IINIT(MIN) @ 265 VAC
tLEB (Blanking Time)
PI-2039-033001
DRAIN
VOLTAGE
HV
0 V
90%
10%
90%
t2
t1
D =
t1
t2
120
100
80
40
20
60
0
02
4
6
8
10
CONTROL Pin Voltage (V)
1
Slope
Dynamic
Impedance
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com