Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232PN Datasheet(PDF) 34 Page - Power Integrations, Inc.

Part # TOP232PN
Description  Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232PN Datasheet(HTML) 34 Page - Power Integrations, Inc.

Back Button TOP232PN Datasheet HTML 28Page - Power Integrations, Inc. TOP232PN Datasheet HTML 29Page - Power Integrations, Inc. TOP232PN Datasheet HTML 30Page - Power Integrations, Inc. TOP232PN Datasheet HTML 31Page - Power Integrations, Inc. TOP232PN Datasheet HTML 32Page - Power Integrations, Inc. TOP232PN Datasheet HTML 33Page - Power Integrations, Inc. TOP232PN Datasheet HTML 34Page - Power Integrations, Inc. TOP232PN Datasheet HTML 35Page - Power Integrations, Inc. TOP232PN Datasheet HTML 36Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
TOP232-234
34
B
7/01
PI-2560-033001
Notes:
1. Controlling dimensions are inches. Millimeter
dimensions are shown in parentheses.
2. Pin locations start with Pin 1, and continue
from left to right when viewed from the front.
Pins 2 and 6 are omitted.
3. Dimensions do not include mold flash or
other protrusions. Mold flash or protrusions
shall not exceed .006 (.15mm) on any side.
4. Minimum metal to metal spacing at the pack-
age body for omitted pin locations is .068
inch (1.73 mm).
5. Position of the formed leads to be measured
at the mounting plane, .670 inch (17.02 mm)
below the hole center.
6. All terminals are solder plated.
Y07B
PIN 1
PIN 7
MOUNTING HOLE PATTERN
.050 (1.27)
.150 (3.81)
.050 (1.27)
.150 (3.81)
.050 (1.27)
.050 (1.27)
.180 (4.58)
.200 (5.08)
PIN 1
+
.010 (.25) M
.467 (11.86)
.487 (12.37)
.400 (10.16)
.415 (10.54)
.146 (3.71)
.156 (3.96)
.860 (21.84)
.880 (22.35)
.028 (.71)
.032 (.81)
.050 (1.27) BSC
.150 (3.81) BSC
.108 (2.74) REF
PIN 1 & 7
7
° TYP.
PIN 4
.040 (1.02)
.060 (1.52)
.190 (4.83)
.210 (5.33)
.015 (.38)
.020 (.51)
.095 (2.41)
.115 (2.92)
.236 (5.99)
.260 (6.60)
.165 (4.19)
.185 (4.70)
.040 (1.02)
.060 (1.52)
.045 (1.14)
.055 (1.40)
.670 (17.02)
REF.
.570 (14.48)
REF.
TO-220-7B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com