Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232PN Datasheet(PDF) 25 Page - Power Integrations, Inc.

Part # TOP232PN
Description  Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232PN Datasheet(HTML) 25 Page - Power Integrations, Inc.

Back Button TOP232PN Datasheet HTML 21Page - Power Integrations, Inc. TOP232PN Datasheet HTML 22Page - Power Integrations, Inc. TOP232PN Datasheet HTML 23Page - Power Integrations, Inc. TOP232PN Datasheet HTML 24Page - Power Integrations, Inc. TOP232PN Datasheet HTML 25Page - Power Integrations, Inc. TOP232PN Datasheet HTML 26Page - Power Integrations, Inc. TOP232PN Datasheet HTML 27Page - Power Integrations, Inc. TOP232PN Datasheet HTML 28Page - Power Integrations, Inc. TOP232PN Datasheet HTML 29Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
TOP232-234
B
7/01
25
CONTROL FUNCTIONS (cont.)
Conditions
(Unless Otherwise Specified)
See Figure 34
SOURCE = 0 V
; T
J = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units
See Note A
See Figure 4
T
J = 25 °C
I
C =
4 mA; T
J = 25 °C
See Figure 32
l
B
Z
C
PWM Gain
Temperature Drift
External Bias
Current
CONTROL
Current at Start of
Cycle Skipping
Dynamic
Impedance
Dynamic
Impedance
Temperature Drift
Control Pin
Internal Filter Pole
%/mA/
°C
mA
mA
Ω
%/
°C
kHz
SHUTDOWN/AUTO-RESTART
V
C = 0 V
V
C = 5 V
l
C (CH)
v
C(AR)
Control Pin
Charging Current
Charging Current
Temperature Drift
Auto-restart Upper
Threshold Voltage
Auto-restart Lower
Threshold Voltage
Auto-restart
Hysteresis Voltage
Auto-restart Duty
Cycle
Auto-restart
Frequency
mA
%/
°C
V
V
V
%
Hz
-5.0
-3.8
-2.6
-3.0
-1.9
-0.8
0.5
5.8
4.5
4.8
5.1
0.8
1.0
248
1.0
T
J = 25 °C
See Note A
- 0.01
1.2
1.9
2.8
5.9
7.5
10
15
22
0.18
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com