Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232PN Datasheet(PDF) 20 Page - Power Integrations, Inc.

Part # TOP232PN
Description  Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232PN Datasheet(HTML) 20 Page - Power Integrations, Inc.

Back Button TOP232PN Datasheet HTML 16Page - Power Integrations, Inc. TOP232PN Datasheet HTML 17Page - Power Integrations, Inc. TOP232PN Datasheet HTML 18Page - Power Integrations, Inc. TOP232PN Datasheet HTML 19Page - Power Integrations, Inc. TOP232PN Datasheet HTML 20Page - Power Integrations, Inc. TOP232PN Datasheet HTML 21Page - Power Integrations, Inc. TOP232PN Datasheet HTML 22Page - Power Integrations, Inc. TOP232PN Datasheet HTML 23Page - Power Integrations, Inc. TOP232PN Datasheet HTML 24Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
TOP232-234
20
B
7/01
TOPSwitch-FX Design Considerations
TOPSwitch-FX Selection
Selecting the optimum TOPSwitch-FX depends upon required
maximum output power, efficiency, heat sinking constraints
and cost goals. With the option to externally reduce current
limit, a larger TOPSwitch-FX may be used for lower power
applications where higher efficiency is needed or minimal heat
sinking is available.
Input Capacitor
The input capacitor must be chosen to provide the minimum
DC voltage required for the TOPSwitch-FXconverter to maintain
regulation at the lowest specified input voltage and maximum
output power. Since TOPSwitch-FX has a higher DC
MAX than
TOPSwitch-II, it is possible to use a smaller input capacitor. For
TOPSwitch-FX, a capacitance of 2
µF per watt is usually
sufficient for universal input with an appropriately designed
transformer.
Primary Clamp and Output Reflected Voltage V
OR
A primary clamp is necessary to limit the peak TOPSwitch-FX
drain to source voltage. A Zener clamp (see Figure 26, VR1)
requires few parts and takes up little board space. For good
efficiency, the clamp Zener should be selected to be at least 1.5
times the output reflected voltage V
OR as this keeps the leakage
spike conduction time short. When using a Zener clamp in a
universal input application, a V
OR of less than 135 V is
recommended to allow for the absolute tolerances and
temperature variations of the Zener. This will ensure efficient
operation of the clamp circuit and will also keep the maximum
drain voltage below the rated breakdown voltage of the
TOPSwitch-FX MOSFET.
A high V
OR is required to take full advantage of the wider DCMAX
of TOPSwitch-FX. An RCD clamp provides tighter clamp
voltage tolerance than a Zener clamp and allows a V
OR as high
as 165 V. The V
OR can be further increased in continuous mode
designs up to 185 V by reducing the external current limit as a
function of input line voltage (see Figure 18). The RCD clamp
*Not available
Table 3 (cont). Comparison Between TOPSwitch-II and TOPSwitch-FX.
Function
TOPSwitch-II
TOPSwitch-FX
Figures Advantages
Remote ON/OFF
N/A*
Single transistor
8, 19,
• Fast on/off (cycle by cycle)
or optocoupler
20, 21,
• Active-on or active-off control
interface or manual 22, 23,
• Low consumption in remote off state
switch
27
• Active-on control for fail-safe
• Eliminates expensive in-line on/off
switch
• Allows processor controlled turn on/
off
• Permits shutdown/wake-up of
peripherals via LAN or parallel port
Synchronization
N/A*
Single transistor
• Synchronization to external lower
or optocoupler
frequency signal
interface
• Starts new switching cycle on
demand
Thermal Shutdown
Latched
Hysteretic (with
• Automatic recovery from thermal
70
°C hysteresis)
fault
• Large hysteresis prevents circuit
board overheating
Current Limit Tolerance
±10% (@25 °C)
±7% (@25 °C)
• 10% higher power capability due to
-8% (0
°C to100 °C) -4% (0 °C to 100 °C)
tighter tolerance
DRAIN
DIP
0.037" / 0.94 mm
0.137" / 3.48 mm
• Greater immunity to arcing as a
Creepage at
SMD
0.037" / 0.94 mm
0.137" / 3.48 mm
result of build-up of dust, debris and
Package
TO-220 0.046" / 1.17 mm
0.068" / 1.73 mm
other contaminants
DRAIN Creepage at
0.045" / 1.14 mm
0.113" / 2.87 mm
• Preformed leads accommodate
PCB for TO-220
(preformed leads)
large creepage for PCB layout
• Easier to meet Safety (UL/VDE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com