Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232PN Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # TOP232PN
Description  Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232PN Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button TOP232PN Datasheet HTML 19Page - Power Integrations, Inc. TOP232PN Datasheet HTML 20Page - Power Integrations, Inc. TOP232PN Datasheet HTML 21Page - Power Integrations, Inc. TOP232PN Datasheet HTML 22Page - Power Integrations, Inc. TOP232PN Datasheet HTML 23Page - Power Integrations, Inc. TOP232PN Datasheet HTML 24Page - Power Integrations, Inc. TOP232PN Datasheet HTML 25Page - Power Integrations, Inc. TOP232PN Datasheet HTML 26Page - Power Integrations, Inc. TOP232PN Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
TOP232-234
B
7/01
23
using a Zener clamp, 165 V when using an RCD clamp and
185 V when using RCD clamp with current limit feed forward.
For designs where operating current is significantly lower than
the default current limit, it is recommended to use an externally
set current limit close to the operating peak current to reduce
peak flux density and peak power (see Figure 17). In most
applications, the tighter current limit tolerance, higher switching
frequency and soft-start features of TOPSwitch-FX contribute
to a smaller transformer when compared to TOPSwitch-II.
Standby Consumption
Cycle skipping can significantly reduce power loss at zero load,
especially when a Zener clamp is used. For very low secondary
power consumption use a TL431 regulator for feedback control.
Alternately, switching losses can be significantly reduced by
switching from 132 kHz in normal operation to 66 kHz under
light load conditions.
TOPSwitch-FX Layout Considerations
Primary Side Connections
Use a single point (Kelvin) connection at the negative terminal
of the input filter capacitor for TOPSwitch-FX SOURCE pin
and bias winding return. This improves surge capabilities by
returning surge currents from the bias winding directly to the
input filter capacitor.
The CONTROL pin bypass capacitor should be located as close
as possible to the SOURCE and CONTROL pins and its
SOURCE connection trace should not be shared by the main
MOSFET switching currents.
All SOURCE pin referenced components connected to the
MULTI-FUNCTION pin should also be located close to
SOURCEandMULTI-FUNCTIONpinswithdedicatedSOURCE
pin connection. The MULTI-FUNCTION pin's trace should be
kept as short as possible and away from the DRAIN trace to
prevent noise coupling. Line sense resistor (R1 in Figures 29 and
30) should be located close to the MULTI-FUNCTION pin to
minimize the trace length on the MULTI-FUNCTION pin side.
Inadditiontothe47
µFCONTROLpincapacitor,ahighfrequency
bypass capacitor in parallel may be used for better noise immunity.
The feedback optocoupler output should also be located close to
the CONTROL and SOURCE pins of TOPSwitch-FX.
Y-Capacitor
The Y-capacitor should be connected close to the secondary
output return pin(s) and the primary DC input pin of the
transformer (see Figures 29 and 30).
Heat Sinking
The tab of the Y package (TO-220) is internally electrically
tied to the SOURCE pin. To avoid circulating currents, a heat
sink attached to the tab should not be electrically tied to any
nodes on the PC board.
When using P (DIP-8) or G (SMD-8) packages, a copper area
underneath the package connected to the SOURCE pins will act
as an effective heat sink.
In addition, sufficient copper area should be provided at the
anode and cathode leads of the output diode(s) for heat sinking.
Quick Design Checklist
As with any power supply design, all TOPSwitch-FX designs
should be verified on the bench to make sure that components
specifications are not exceeded under worst case conditions.
The following minimum set of tests is strongly recommended:
1. Maximum drain voltage – Verify that peak V
DS does not
exceed 675 V at highest input voltage and maximum overload
output power. Maximum overload output power occurs
when the ouput is overloaded to a level just before the power
supply goes into auto-restart (loss of regulation).
2. Maximum drain current – At maximum ambient temperature,
maximum input voltage and maximum output load, verify
drain current waveforms at start-up for any signs of
transformer saturation and excessive leading edge current
spikes. TOPSwitch-FX has a leading edge blanking time of
200 ns to prevent premature termination of the on-cycle.
Verify that the leading edge current spike is below the
allowed current limit envelope (see Figure 33) for the drain
current waveform at the end of the 200 ns blanking period.
3. Thermal check – At maximum output power, minimum
input voltage and maximum ambient temperature, verify
that temperature specifications are not exceeded for
TOPSwitch-FX, transformer, output diodes and output
capacitors. Enough thermal margin should be allowed for
the part-to-part variation of the R
DS(ON) of TOPSwitch-FX as
specified in the data sheet. The margin required can either
be calculated from the tolerances or it can be accounted for
by connecting an external resistance in series with the
DRAIN pin and attached to the same heatsink, having a
resistance value that is equal to the difference between the
measured R
DS(ON) of the device under test and the worst case
maximum specification.
Design Tools
1. Technical literature: Data Sheet, Application Notes,
Design Ideas, etc.
2. Transformer design spreadsheet.
3. Engineering prototype boards.
Up to date information on design tools can be found at Power
Integrations Web site: www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com