Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLBC01 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLBC01
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLBC01 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLBC01 Datasheet HTML 7Page - STMicroelectronics STLBC01 Datasheet HTML 8Page - STMicroelectronics STLBC01 Datasheet HTML 9Page - STMicroelectronics STLBC01 Datasheet HTML 10Page - STMicroelectronics STLBC01 Datasheet HTML 11Page - STMicroelectronics STLBC01 Datasheet HTML 12Page - STMicroelectronics STLBC01 Datasheet HTML 13Page - STMicroelectronics STLBC01 Datasheet HTML 14Page - STMicroelectronics STLBC01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
DocID022984 Rev 2
11/40
STLBC01
Typical application diagram and pin description
Table 3. STBLC01 pinout description
Pin
Name
Type
Description
1
UART_TX / SPI_MISO
Digital output
UART TX / SPI data output (SDO)
2
UART_RX / SPI_MOSI
Digital input
UART RX / SPI data input (SDI)
3
SPI_CLK
Digital input
SPI clock input (SCK)
4
VDD
Power
Positive supply for the digital part
(1)
1.
For proper operation of the chip, this terminal must not be loaded by any external circuitry.
5
AVSS
Ground
Negative supply for the digital part
(2)
2.
For proper operation of the chip, this terminal must be connected to a common ground plane.
6
AVSS1
Ground
Ground
(2)
7
AVSS2
Ground
Ground
(2)
8
AVSS3
Ground
Ground
(2)
9
VBAT
Analog
Ground
(2)
10
WU/CSN
Digital input
UART wake up from sleep/off mode / SPI chip
select.
11
SEL
Digital input
Interface selection (0 = UART, 1 = SPI).
12
AVSS_PLL2
Ground
Negative supply of PLL
(2)
13
AVDD_PA
Power
Regulated output voltage for the power amplifier
(1)
14
AVSS_PA
Ground
Negative supply for the power amplifier
(2)
15
ANTN
RF
Differential RF ports
16
ANTP
RF
17
AVSS_RF
Ground
Negative supply of RF part
(2)
18
VCC
Power
Main supply for the chip
19
BIAS_R
Analog
Pin for bias setting resistor
20
AVSS_PLL1
Ground
Negative supply of PLL
(2)
21
XTAL1
Analog
Xtal oscillator ports
22
XTAL2
Analog
23
RST
Digital input
Reset
24
IRQ
Digital input
SPI interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com