Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLBC01 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STLBC01
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLBC01 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STLBC01 Datasheet HTML 21Page - STMicroelectronics STLBC01 Datasheet HTML 22Page - STMicroelectronics STLBC01 Datasheet HTML 23Page - STMicroelectronics STLBC01 Datasheet HTML 24Page - STMicroelectronics STLBC01 Datasheet HTML 25Page - STMicroelectronics STLBC01 Datasheet HTML 26Page - STMicroelectronics STLBC01 Datasheet HTML 27Page - STMicroelectronics STLBC01 Datasheet HTML 28Page - STMicroelectronics STLBC01 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
DocID022984 Rev 2
25/40
STLBC01
Peripherals information
7
Peripherals information
The STBLC01 includes several peripherals to fulfil all the requirements of the BLE standard.
Although none of these peripherals are available for host use. This section gives a short
description of STBLC01 internal peripherals to provide a better overview of the system.
7.1
AES
The STBLC01 includes a hardware encryption/decryption accelerator based on the
advanced encryption system (AES) standard. For further information about AES please
refer to the official page of NIST (http://csrc.nist.gov/CryptoToolkit/aes/).
This block provides the following functions:
1.
BLE encryption key calculation
2.
BLE message integrity code (MIC) calculation
3.
BLE encryption stream generation
7.2
Random number generator (RNG)
The STBLC01 features an RNG block which is used to generate a non-deterministic bit
stream as required in [
2]. The result of this block is a non-deterministic 32-bit stream.
7.3
Battery level detector (SVLD)
The STBLC01 offers the possibility of monitoring the supply voltage of the system. The host
can launch an SVLD measurement by sending the HCI command
STBLC_SVLD_MEASUREMENT, as defined in
Section 9. The measurement compares the
supply voltage level with a predefined voltage level described in
Table 15. After the
measurement is completed, an event is reported to the host, as described in
Section 9.3.2.
All voltages specified in
Table 15 must be considered with a precision of ±10%.
Table 15. SVLD reference
Supply
Reference
Function
VCC
2.05 V
Battery low detection
2.25 V
Battery low early warning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com