Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLBC01 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STLBC01
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLBC01 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STLBC01 Datasheet HTML 23Page - STMicroelectronics STLBC01 Datasheet HTML 24Page - STMicroelectronics STLBC01 Datasheet HTML 25Page - STMicroelectronics STLBC01 Datasheet HTML 26Page - STMicroelectronics STLBC01 Datasheet HTML 27Page - STMicroelectronics STLBC01 Datasheet HTML 28Page - STMicroelectronics STLBC01 Datasheet HTML 29Page - STMicroelectronics STLBC01 Datasheet HTML 30Page - STMicroelectronics STLBC01 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
DocID022984 Rev 2
27/40
STLBC01
Application design guidelines
Figure 7. Matching circuit for 50 Ohm antenna
8.2
Xtal oscillator
The STBLC01 includes a fully integrated, low power 26 MHz Xtal oscillator with an
embedded amplitude regulation loop. In order to achieve low power operation and good
frequency stability of the XTAL-oscillator, certain considerations with respect to the quartz
load capacitance C0 need to be taken into account.
Figure 8 shows a simplified block
diagram of the amplitude regulated oscillator used in the STBLC01.
STBLC01
ANTP
ANTN
L1= 3.3nH
C1= 1.2pF
L3= 2.0nH
L2= 3.3nH
C1= 1.0pF
C2= 1.2pF
50 Ohm
200 Ohm
AM10261V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com