Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLBC01 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLBC01
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLBC01 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLBC01 Datasheet HTML 14Page - STMicroelectronics STLBC01 Datasheet HTML 15Page - STMicroelectronics STLBC01 Datasheet HTML 16Page - STMicroelectronics STLBC01 Datasheet HTML 17Page - STMicroelectronics STLBC01 Datasheet HTML 18Page - STMicroelectronics STLBC01 Datasheet HTML 19Page - STMicroelectronics STLBC01 Datasheet HTML 20Page - STMicroelectronics STLBC01 Datasheet HTML 21Page - STMicroelectronics STLBC01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Functional description
STLBC01
18/40
DocID022984 Rev 2
Figure 6. STBLC01 state diagram
5.3.2
Idle mode
Idle is the mode that the STBLC01 enters as default after a reset. When this mode is
entered, the HCI event STBLC_POWER_MODE_IDLE is reported to the host. The power
mode for this configuration is Standby, as defined in
Section 5.2.1. The HCI system is
available and the host can communicate with the controller using the selected transport
layer. The HCI is able to receive and decode any command sent by the host as well as send
any event back to the host using either UART or SPI transport layers, according to the value
of the SEL pin. Xtal is the clock source of STBLC01 logic. RF core is off in this state. The
internal logic is in Halt mode, waiting for a HCI command from the host.
5.3.3
Sleep mode
Sleep mode is an STBLC01 low power mode. The power mode for this configuration is
Xtreme, as defined in
Section 5.2.2. RF cannot be activated from this state. When this mode
Sleep
BLE
Active
OFF
BLE
Sleep
(RC)
Idle
HCI over SPI
HCI over SPI
BLE firmware
BLE firmware
BLE firmware
BLE firmware
BLE
Sleep
(crystal)
AM10257V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com