Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLBC01 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLBC01
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLBC01 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLBC01 Datasheet HTML 17Page - STMicroelectronics STLBC01 Datasheet HTML 18Page - STMicroelectronics STLBC01 Datasheet HTML 19Page - STMicroelectronics STLBC01 Datasheet HTML 20Page - STMicroelectronics STLBC01 Datasheet HTML 21Page - STMicroelectronics STLBC01 Datasheet HTML 22Page - STMicroelectronics STLBC01 Datasheet HTML 23Page - STMicroelectronics STLBC01 Datasheet HTML 24Page - STMicroelectronics STLBC01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
DocID022984 Rev 2
21/40
STLBC01
Host controller interface (HCI)
6
Host controller interface (HCI)
The STBLC01 includes a host controller interface as defined in [
2], volume 2; part E.
Table 12 summarizes the command, Table 13 the data format and Table 14 the event
format. A more detailed description of commands and events as well as all HCI related
information can be found in [
2].
Table 12. HCI command format
Byte #
Parameter
Size
Description
1Packet_ID
1
Packet ID: packet Identifier
– For HCI Command Packet_ID = 0x01
2-3
OpCode
2
OpCode is a unique identification of the command. It
includes
– OpCode Group Field (OGF) of 6 bits. Code 0x3F is
reserved for Vendor command
– OpCode Command Field (OCF) of 10 bits
4
Parameter_Total_Le
ngth
1
Lengths of all the parameters contained in the given
command packet (N.B.: total length of parameters, not
number of parameters)
Parameter_0
Each command has a specific number of parameters
associated with it. These parameters and the size of each of
the parameters are defined for each command. Each
parameter is an integer number of octets in size
...
Parameter_N
Table 13. HCI ACL data format
Byte #
Parameter
Size
Description
1Packet_ID
1
Packet ID: Packet Identifier
– For HCI Data Packet_ID = 0x02
2-3
Handle
PB flag
BC flag
2
Connection_Handle (12 bit) to be used for transmitting data
packet or segment over primary controller. Range: 0x000-
0xEFF (0xF00-0xFFF reserved for future use)
Packet_Boundary_Flag (bit 4 and bit 5 of the second octet)
Broadcast_Flag (bit 6 and bit 7 of the second octet)
4
Data_Total_Length
2
Length of data measured in octets.
Data
ACL data (L2CAP PDU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com