Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLBC01 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STLBC01
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLBC01 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STLBC01 Datasheet HTML 31Page - STMicroelectronics STLBC01 Datasheet HTML 32Page - STMicroelectronics STLBC01 Datasheet HTML 33Page - STMicroelectronics STLBC01 Datasheet HTML 34Page - STMicroelectronics STLBC01 Datasheet HTML 35Page - STMicroelectronics STLBC01 Datasheet HTML 36Page - STMicroelectronics STLBC01 Datasheet HTML 37Page - STMicroelectronics STLBC01 Datasheet HTML 38Page - STMicroelectronics STLBC01 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
DocID022984 Rev 2
35/40
STLBC01
Vendor HCI events
10
Vendor HCI events
This section defines the STBLC01 vendor events. There is no special event mask defined
for vendor events in the STBLC01. This means that the host cannot avoid receiving vendor
events.
10.1
STBLC_POWER_MODE_IDLE
This event reports that the device has correctly entered idle mode. This event is also sent
after watchdog or bus error resets. This event is sent after POR and HCI resets.
The associated event code is 0xFF.
10.1.1
Event parameters
10.2
Hardware error event codes
The hardware error event is a standard BT event. The STBLC01 defines additional
parameter codes as follows:
Table 29. Event parameters for STBLC_POWER_MODE_IDLE
Parameter
Size
Description
STBLC_Event_Code
1
0x01
Table 30. Hardware error event codes
Code
Description
0x00
No error
0x01
HCI synchronization lost
0x02
RF initialization fail (auto-calibration)
0x03
RF system error
0x04
CPU reset (watchdog, bus error)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com