Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLBC01 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STLBC01
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLBC01 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STLBC01 Datasheet HTML 26Page - STMicroelectronics STLBC01 Datasheet HTML 27Page - STMicroelectronics STLBC01 Datasheet HTML 28Page - STMicroelectronics STLBC01 Datasheet HTML 29Page - STMicroelectronics STLBC01 Datasheet HTML 30Page - STMicroelectronics STLBC01 Datasheet HTML 31Page - STMicroelectronics STLBC01 Datasheet HTML 32Page - STMicroelectronics STLBC01 Datasheet HTML 33Page - STMicroelectronics STLBC01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Vendor HCI commands
STLBC01
30/40
DocID022984 Rev 2
9
Vendor HCI commands
This section describes the proprietary HCI commands which can be used to set up special
features of the STBLC01. As defined, the OGF reserved for vendor specific
commands/event is 0x3F.
9.1
STBLC_SET_PUBLIC_ADDRESS
9.1.1
Command parameters for STBLC_SET_PUBLIC_ADDRESS
9.1.2
Return parameters for STBLC_SET_PUBLIC_ADDRESS
Table 16. HCI commands
HCI Command
OCF
Description
STBLC_SET_PUBLIC_ADDRESS
0x02
Set public address
STBLC_SET_POWER_MODE
0x03
Select power mode
STBLC_SVLD_MEASUREMENT
0x04
Run SVLD measurement
STBLC_SET_RF_POWER_LEVEL
0x05
Select TX power level
STBLC_POWER_MODE_CONFIGURAT
ION
0x06
Enable/disable transition to BLE Sleep mode
STBLC_SET_UART_BAUD_RATE
0x07
Set UART baud rate
Table 17. Command parameters for STBLC_SET_PUBLIC_ADDRESS
Parameter
Size
Description
Address
6
Set the public address of the device in the controller
Table 18. Return parameters for STBLC_SET_PUBLIC_ADDRESS
Parameter
Size
Description
Address
1
Standard BT error codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com