Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLBC01 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLBC01
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLBC01 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLBC01 Datasheet HTML 9Page - STMicroelectronics STLBC01 Datasheet HTML 10Page - STMicroelectronics STLBC01 Datasheet HTML 11Page - STMicroelectronics STLBC01 Datasheet HTML 12Page - STMicroelectronics STLBC01 Datasheet HTML 13Page - STMicroelectronics STLBC01 Datasheet HTML 14Page - STMicroelectronics STLBC01 Datasheet HTML 15Page - STMicroelectronics STLBC01 Datasheet HTML 16Page - STMicroelectronics STLBC01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
DocID022984 Rev 2
13/40
STLBC01
Electrical
4.4
Electrical characteristics
4.4.1
Current consumption
This section summarizes the estimated current consumption of the STBLC01 at pin VCC.
The parameters defined in
Table 6 are specified based on the component list defined in
Table 2 and on the application schematic of Figure 4. Functional modes used in the table
are defined in
Section 5.3. Unless otherwise specified, the voltage VCC is set to 2.5 V.
4.5
I/O characteristics
This section summarizes the I/O characteristics.
4.6
RF characteristics
This section summarizes the RF characteristics of the STBLC01. All parameters are based
on the components in
Table 2 and on the application schematic of Figure 4. Unless
otherwise specified, VCC = 2.5 V. Measurement conditions and device configuration are
specified in [
3] for PHY parameters and in [4] for LL parameters. When applicable,
exceptions for some parameters are compliant to that described in [
2], volume 6, part A.
Table 6. Typical current consumption
Parameter
Symbol
Min.
Typ.
Max.
Unit
Off mode
I
off
-
9
-
μA
Sleep mode
I
sleep
19
μA
Idle mode
I
idle
200
μA
BLE transmit mode for 0 dBm output
power
I
tx
12.1
mA
BLE receive mode
I
rx
12.9
mA
BLE sleep mode (crystal)
I
BLEsleep_crystal
450
μA
BLE sleep mode (RC)
I
BLEsleep_RC
60
μA
Table 7. I/O characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
HIGH level input voltage
V
IH
0.75*Vcc
-
Vcc
V
LOW level input voltage
V
IL
00.25*Vcc
V
Output HIGH current
I
OH
1mA
Output LOW current
I
OL
1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com