Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLBC01 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLBC01
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLBC01 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLBC01 Datasheet HTML 10Page - STMicroelectronics STLBC01 Datasheet HTML 11Page - STMicroelectronics STLBC01 Datasheet HTML 12Page - STMicroelectronics STLBC01 Datasheet HTML 13Page - STMicroelectronics STLBC01 Datasheet HTML 14Page - STMicroelectronics STLBC01 Datasheet HTML 15Page - STMicroelectronics STLBC01 Datasheet HTML 16Page - STMicroelectronics STLBC01 Datasheet HTML 17Page - STMicroelectronics STLBC01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Electrical
STLBC01
14/40
DocID022984 Rev 2
Table 8. General RF characteristics
Parameter
Note
Min.
Typ.
Max.
Unit
Operating frequency
-
2400
2484
MHz
Differential antenna impedance
200
W
On-air data rate
1000
Kbps
Channel spacing
2
MHz
Crystal frequency
26
MHz
Crystal frequency accuracy
(1)
1.
Frequency accuracy includes initial tolerance, stability over temperature range and aging of the quartz.
±50
ppm
Table 9. Transmitter characteristics
Parameter
Note
Min.
Typ.
Max.
Unit
Output power for the lowest power setting
-
-18
dBm
Output power for the highest power setting
+3
dBm
RF power accuracy
±3
dB
Power transmitted at frequency offset |f
offs
| = ±2 MHz
-20
dBm
Power transmitted at frequency offset |f
offs
| = ±3 MHz
-30
dBm
Frequency deviation
(1)
1.
Frequency deviation corresponding to a 10101010 sequence is at least 80% of the frequency deviation
corresponding to a 00001111 sequence. Positive frequency deviations represent a logic level ‘1’ and
negative frequency deviations represent a logic level ‘0’ as defined in [
2], volume 6, part A, section 3.1
±250
kHz
Deviation from the channel center frequency
±150
kHz
Frequency drift for any packet length
50
kHz
Drift rate
400
Hz/μs
Spurious emission f in the ranges
– 30 MHz – 88 MHz
– 88 MHz – 230 MHz
– 230 MHz – 470 MHz
– 470 MHz – 862 MHz
– 862 MHz – 960 MHz
– 960 MHz – 2396 MHz
– 2487.5 MHz – 12750 MHz
(2)
2.
Measuring conditions and signal specifications are described in [
3], [4] and [5]. These parameters are
highly related to a correct matching network and PCB design. Refer to
Section 8 for design guidelines.
-57.3
-54.0
-51.3
-54.0
-51.3
-43.4
-43.4
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com