Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBLC01QTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STBLC01QTR
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBLC01QTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STBLC01QTR Datasheet HTML 8Page - STMicroelectronics STBLC01QTR Datasheet HTML 9Page - STMicroelectronics STBLC01QTR Datasheet HTML 10Page - STMicroelectronics STBLC01QTR Datasheet HTML 11Page - STMicroelectronics STBLC01QTR Datasheet HTML 12Page - STMicroelectronics STBLC01QTR Datasheet HTML 13Page - STMicroelectronics STBLC01QTR Datasheet HTML 14Page - STMicroelectronics STBLC01QTR Datasheet HTML 15Page - STMicroelectronics STBLC01QTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Electrical
STLBC01
12/40
DocID022984 Rev 2
4
Electrical
4.1
Absolute maximum ratings
Table 4 summarizes the absolute maximum rating for the STBLC01. Stresses above these
listed maximum ratings may cause permanent damage to the device. Exposure beyond the
specified electrical characteristics may affect device reliability or cause malfunction. The
STBLC01 is available in a green-mold and lead free QFN 5x5 package. The maximum
soldering conditions are specified as in the JEDEC J-STD-020C standard.
4.2
Handling procedures
This device has built-in protection against high static voltages or electric fields; however,
anti-static precautions must be taken as for any other CMOS component. Unless otherwise
specified, proper operation can only occur when all terminal voltages are kept within the
voltage range. Unused inputs must always be tied to a defined logic voltage level unless
otherwise specified.
4.3
General operating conditions
The general operating conditions for both STBLC01 versions are summarized in
Table 5.
These parameters are specified based on the component list and on the application
schematic of
Figure 4.
Table 4. Absolute maximum ratings
Parameter
Symbol
Min.
Max.
Unit
System ground
GND
-0.2
0.2
V
Supply voltage
V
SUP
GND-0.2
3.6
V
Voltage at remaining pin
V
PIN
GND-0.2
V
SUP
+0.2
V
Storage temperature
T
st
-50
150
°C
Electrostatic discharge referred to GND according to Mil-
Std-883C, method 3015.7
V
ESD
-2000
+2000
V
Table 5. STBLC01 general operating conditions
Parameter
Min.
Typ.
Max.
Unit
Supply voltage
1.9
3
3.6
V
Temperature range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com