Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBLC01QTR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STBLC01QTR
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBLC01QTR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STBLC01QTR Datasheet HTML 22Page - STMicroelectronics STBLC01QTR Datasheet HTML 23Page - STMicroelectronics STBLC01QTR Datasheet HTML 24Page - STMicroelectronics STBLC01QTR Datasheet HTML 25Page - STMicroelectronics STBLC01QTR Datasheet HTML 26Page - STMicroelectronics STBLC01QTR Datasheet HTML 27Page - STMicroelectronics STBLC01QTR Datasheet HTML 28Page - STMicroelectronics STBLC01QTR Datasheet HTML 29Page - STMicroelectronics STBLC01QTR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Application design guidelines
STLBC01
26/40
DocID022984 Rev 2
8
Application design guidelines
This section provides some design guidelines and constraints are given for proper
application designs. In particular, antenna port and antenna design guidelines, XTAL
oscillator and power supply connections are described. Furthermore, PCB guidelines are
stated in order to achieve an optimum RF-performance.
8.1
Antenna port
The STBLC01 features a fully differential 200 +j0
Ω antenna port for the received or emitted
signals at the pins ANTP and ANTN. The selected input/output impedance allows the
implementation of a folded dipole antenna directly connectable to the antenna port which
does not require any external matching components. Use of other types of antenna is
granted by the implementation of a matching network with few external components. The
following general guidelines can be used to achieve the best results in terms of RF
performance:
1.
Use at least a 2-layer PCB, dedicating the bottom layer to one common ground plane
covering all external components and the chip itself. Connect the attached area pin of
the package to the ground plane.
2.
Keep the STBLC01 ANTN/ANTP symmetry on the PCB by keeping symmetry in
components and via placement as well as line-routing.
3.
Use only 100
Ω transmission lines between the STBLC01 RF output pins and the
antenna / matching network input.
4.
Try to minimize RF trace lengths.
5.
Respect also a 3 mm clearance to ground close to RF transmission lines and/or
matching network components. In particular, respect clearance to ground for antenna
structure (varies with antenna topology).
6.
Do not put a ground plane below the antenna structure to avoid gain loss and directivity
modification.
8.1.1
50 Ohm matching
The STBLC01 antenna impedance can be converted to 50
Ω termination to allow interfacing
with a standard measurement system or with a standard 50
Ω antenna structure. In this
case, a matching circuit which ensures the conversion from the differential 200
Ω antenna
port of the STBLC01 and the single-ended 50
Ω of the instruments, is required. Figure 7
shows an example circuit to implement a matching network. In order to achieve the best RF
performance, the layout around the antenna port - both for the chip and attached antenna
connector - needs to be done while keeping RF guidelines in mind.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com