Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBLC01QTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STBLC01QTR
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBLC01QTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STBLC01QTR Datasheet HTML 24Page - STMicroelectronics STBLC01QTR Datasheet HTML 25Page - STMicroelectronics STBLC01QTR Datasheet HTML 26Page - STMicroelectronics STBLC01QTR Datasheet HTML 27Page - STMicroelectronics STBLC01QTR Datasheet HTML 28Page - STMicroelectronics STBLC01QTR Datasheet HTML 29Page - STMicroelectronics STBLC01QTR Datasheet HTML 30Page - STMicroelectronics STBLC01QTR Datasheet HTML 31Page - STMicroelectronics STBLC01QTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Application design guidelines
STLBC01
28/40
DocID022984 Rev 2
Figure 8. Xtal block diagram
Low power consumption and fast startup time is achieved by choosing a quartz crystal with
a low load capacitance C0. A reasonable choice for capacitor C0 is 10 pF. The Xtal startup
time is typically 1 ms but can go up to 10 ms depending on the quality factor of the external
quartz chosen. To achieve good frequency stability, the following equation then needs to be
satisfied:
Equation 1
where C
1
'
= C
1
+C
PCB1
+ C
PAD
, C
2
'
= C
2
+C
PCB2
+C
PAD
and C
1
and C
2
are external (SMD)
components, C
PCB1
and C
PCB2
are PCB routing parasites and C
PAD
is the equivalent small-
signal pad-capacitance. The value of C
PAD
is around 1 pF for each pad. The routing
parasites should be minimized by placing quartz and C
1
/ C
2
close to the chip, not only for
an easier matching of the load capacitance C0, but also to ensure robustness against noise
injection. Connect each capacitor of the XTAL oscillator to ground by a separate via.
To achieve good noise immunity against external interference, the XTAL oscillator is
designed with low input impedance using a chip-internal 260 k
Ω resistor between XTAL1
and XTAL2. In case the noise robustness needs to be further increased, an external parallel
resistor can be added at the cost of extra current consumption.
Amplitude regulation
Buffered
rail-to-rail
clock
XTAL1
XTAL2
CPAD
CPAD
CPB2
CPB1
C2
C1
AM10262V1
C
0
C
1
′
C
2
′
⋅
C
1
′
C
2
′
+
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com