Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBLC01QTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STBLC01QTR
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBLC01QTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STBLC01QTR Datasheet HTML 12Page - STMicroelectronics STBLC01QTR Datasheet HTML 13Page - STMicroelectronics STBLC01QTR Datasheet HTML 14Page - STMicroelectronics STBLC01QTR Datasheet HTML 15Page - STMicroelectronics STBLC01QTR Datasheet HTML 16Page - STMicroelectronics STBLC01QTR Datasheet HTML 17Page - STMicroelectronics STBLC01QTR Datasheet HTML 18Page - STMicroelectronics STBLC01QTR Datasheet HTML 19Page - STMicroelectronics STBLC01QTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Functional description
STLBC01
16/40
DocID022984 Rev 2
5
Functional description
5.1
STBLC01 startup
This section describes the STBLC01 startup procedure. The description is intended to be
informational only, as it is independent of any external actions. That application does
however select the preferred communication interface by setting the pin SEL
(a)
(SEL = 1
SPI, SEL = 0 UART).
5.1.1
Startup
When a 3 V battery is connected to the STBLC01, an internal RC oscillator starts up,
providing a clock with fixed duty-cycle to the power check circuit. After the power check
indicates enough voltage on VDD, the Xtal oscillator is enabled and when its startup
procedure is completed, the main logic can use the Xtal clock as reference.
5.1.2
End of the boot-up procedure
Once the XTAL oscillator clock is available to the digital part of the controller, the STBLC01
enters idle state and an event is sent to the host through the selected communication
interface. Refer to
Section 6 for a complete description of how to send commands and read
events from the STBLC01.
At the end of the boot sequence, the STBLC01 returns an event
STBLC_POWER_MODE_IDLE to the host to notify that the system has entered in Idle
mode. If for any reason the first HCI event is corrupted after start-up, for example if the host
needs a long time to initialize or if the SEL signal is not stable at start-up time, it is
recommended that the host generates an additional reset to ensure a proper start-up.
5.2
STBLC01 power modes
The STBLC01 can be configured to work in three main power modes which are
automatically chosen based on the selected chip state described in
Section 5.3. These
modes are, however, not directly selectable by application. For this reason this section is
intended to be informational.
5.2.1
Standby mode
In this mode the Xtal is up and running and is the main clock source of the system. The
internal RC oscillator is active.
5.2.2
Xtreme mode
In Xtreme mode, the Xtal oscillator is turned off but the internal RC is kept on. The supply
voltage of the logic is lowered to reduce the effect of leakage. The complete controller status
is kept.
a.
In order to avoid issues at boot-up due to interface selection, it is advisable to pull up (SPI) or pull down (UART)
the pin SEL with a 10 k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com