Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBLC01QTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STBLC01QTR
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBLC01QTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STBLC01QTR Datasheet HTML 11Page - STMicroelectronics STBLC01QTR Datasheet HTML 12Page - STMicroelectronics STBLC01QTR Datasheet HTML 13Page - STMicroelectronics STBLC01QTR Datasheet HTML 14Page - STMicroelectronics STBLC01QTR Datasheet HTML 15Page - STMicroelectronics STBLC01QTR Datasheet HTML 16Page - STMicroelectronics STBLC01QTR Datasheet HTML 17Page - STMicroelectronics STBLC01QTR Datasheet HTML 18Page - STMicroelectronics STBLC01QTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
DocID022984 Rev 2
15/40
STLBC01
Electrical
4.7
Timing characteristics
Table 10. Receiver characteristics
Parameter
Note
Min.
Typ.
Max.
Unit
Sensitivity level for 0.1% BER
-80
dBm
Maximum input power for 0.1% BER
-5
dBm
Spurious emission for 30 MHz < f < 1 GHz
(1)
1.
Measuring conditions and signal specifications are described in [
3], [4] and [5]. These parameters are
highly related to a correct matching network and PCB design. Refer to
Section 8 for design guidelines.
-57
dBm
Spurious emission f > 1 GHz
(1)
-47
dBm
In band blocking C/I for a wanted signal level of -67 dBm:
– Co-channel interference
– Interference at frequency offset foffs = 1 MHz
– Interference at frequency offset foffs = 2 MHz
– Interference at frequency offset foffs = 3 MHz
– Interference at image frequency foffs = -4 MHz
– Interference at adjacent frequencies to image
21
15
-17
-27
-9
-15
dBm
Out of band blocking for a required signal level of -67 dBm:
– Frequency range 30-1999 MHz
– Frequency range 2000-2399 MHz
– Frequency range 2484-2999 MHz
– Frequency range 3000-12750 MHz
-30
-35
-35
-30
dBm
Table 11. Timing characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Start-up time (power up to
standby mode)
T
start-up
-
-
15.5
-
ms
Sleep => Standby mode
(1)
1.
This time is dominated by the Xtal oscillator startup.
T
sleep_std
-2.6
-
ms
Off => Standby mode
(2)
2.
This time is dominated by the Xtal oscillator startup.
T
off_std
-2.7
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com